Electronic Components Datasheet Search
  English  ▼

X  

BYG21M Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BYG21M
Description  Fast Silicon Mesa SMD Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BYG21M Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  BYG21M Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BYG21M Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
800V-1000V
1.5A
BYG21K THRU BYG21M
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Fast Silicon Mesa SMD Rectifier
D Glass passivated junction
D Low reverse current
D Soft recovery characteristics
D Fast reverse recovery time
D Good switching characteristics
D Wave and reflow solderable
Absolute Maximum Ratings
Parameter
Test Conditions
Type
Symbol
Value
Unit
Reverse voltage
BYG21K
VR=VRRM
800
V
g
=Repetitive peak reverse voltage
BYG21M
VR=VRRM
1000
V
Peak forward surge current
tp=10ms,
half sinewave
IFSM
30
A
Average forward current
IFAV
1.5
A
Junction and storage
temperature range
Tj=Tstg
–55...+150
°C
Pulse energy in avalanche mode,
non repetitive
(inductive load switch off)
I(BR)R=1A, Tj=25°C
ER
20
mJ
Maximum Thermal Resistance
Parameter
Test Conditions
Symbol
Value
Unit
Junction lead
TL=const.
RthJL
25
K/W
Junction ambient
mounted on epoxy–glass hard tissue
RthJA
150
K/W
mounted on epoxy–glass hard tissue, 50mm2 35
mm Cu
RthJA
125
K/W
mounted on Al–oxid–ceramic (Al2O3), 50mm2 35mm Cu
RthJA
100
K/W
Electrical Characteristics
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=1A
VF
1.5
V
g
IF=1.5A
VF
1.6
V
Reverse current
VR=VRRM
IR
1
mA
VR=VRRM, Tj=100°C
IR
10
mA
Reverse recovery time
IF=0.5A, IR=1A, iR=0.25A
trr
120
ns


Similar Part No. - BYG21M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG21M VISHAY-BYG21M Datasheet
58Kb / 5P
Fast Silicon Mesa SMD Rectifier
24-Jun-98
BYG21M VISHAY-BYG21M Datasheet
97Kb / 5P
Fast Avalanche SMD Rectifier
11-Apr-08
BYG21M VISHAY-BYG21M Datasheet
87Kb / 5P
Fast Avalanche SMD Rectifier
24-Aug-12
logo
Taiwan Semiconductor Co...
BYG21M TSC-BYG21M Datasheet
186Kb / 4P
1.5A, 1000V Fast avalanche Surface Mount Rectifier
logo
Vishay Siliconix
BYG21M VISHAY-BYG21M Datasheet
101Kb / 5P
Fast Avalanche SMD Rectifier
21-Feb-2020
More results

Similar Description - BYG21M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG10 VISHAY-BYG10 Datasheet
59Kb / 5P
Silicon Mesa SMD Rectifier
24-Jun-98
BYG20 VISHAY-BYG20 Datasheet
59Kb / 5P
Fast Silicon Mesa SMD Rectifier
24-Jun-98
BYG21 VISHAY-BYG21 Datasheet
58Kb / 5P
Fast Silicon Mesa SMD Rectifier
24-Jun-98
BYG22 VISHAY-BYG22 Datasheet
59Kb / 5P
Super Fast Silicon Mesa SMD Rectifier
24-Jun-98
BYG23M VISHAY-BYG23M Datasheet
54Kb / 4P
Fast Silicon Mesa SMD Rectifier
13-Aug-99
logo
Shenzhen Taychipst Elec...
BYG10D TAYCHIPST-BYG10D Datasheet
3Mb / 2P
Silicon Mesa SMD Rectifier
BYG20D TAYCHIPST-BYG20D Datasheet
3Mb / 2P
Fast Silicon Mesa SMD Rectifier
BYG22A TAYCHIPST-BYG22A Datasheet
3Mb / 2P
Super Fast Silicon Mesa SMD Rectifier
logo
SUNMATE electronic Co.,...
BYG21K SUNMATE-BYG21K Datasheet
621Kb / 3P
FAST SILICON MESA SMD RECTIFIER DIODE
BYG22A SUNMATE-BYG22A Datasheet
363Kb / 2P
SUPER FAST SILICON MESA SMD RECTIFIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com