Electronic Components Datasheet Search
  English  ▼

X  

BYG24D Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BYG24D
Description  Fast Avalanche SMD Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BYG24D Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  BYG24D Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BYG24D Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
200V-600V
1.5A
BYG24D THRU BYG24J
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Fast Avalanche SMD Rectifier
• Glass passivated junction
• Low reverse current
• Soft recovery characteristics
• Fast reverse recovery time
• Wave and reflow solderable
Absolute Maximum Ratings
Maximum Thermal Resistance
Parameter
Test condition
Part
Symbol
Value
Unit
Reverse voltage = Repetitive
peak reverse voltage
BYG 24 D
VR = VRRM
200
V
BYG 24 G
VR = VRRM
400
V
BYG 24 J
VR = VRRM
600
V
Peak forward surge current
tp = 10 ms, half-sinewave
IFSM
30
A
Average forward current
IFAV
1.5
A
Junction and storage
temperature range
Tj = Tstg
- 55 to + 150
°C
Pulse energy in avalanche
mode, non repetitive (inductive
load switch off)
I(BR)R = 1 A, Tj = 25 °C
ER
20
mJ
Parameter
Test condition
Part
Symbol
Value
Unit
Junction case
RthJC
25
K/W
Junction ambient
epoxy glass hard tissue 35
µm *
17 mm2 cooper area per
electrode
RthJA
150
K/W
epoxy glass hard tissue 35
&muMm * 50 mm2 cooper area
per electrode
RthJA
125
K/W
Electrical Characteristics
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 1 A
VF
1.15
V
IF = 1.5 A
VF
1.25
V
Reverse current
VR = VRRM
IR
1
µA
VR = VRRM, Tj = 100 °C
IR
10
µA
Breakdown voltage
IR = 100 µA
BYG 24 D
V(BR)R
200
V
BYG 24 G
V(BR)R
400
V
BYG 24 J
V(BR)R
600
V
Reverse recovery time
IF = 0.5 A; IR = 1 A; iR = 0.25 A
trr
140
ns


Similar Part No. - BYG24D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG24D VISHAY-BYG24D Datasheet
68Kb / 3P
Fast Avalanche SMD Rectifier
19-Oct-04
logo
EIC discrete Semiconduc...
BYG24D EIC-BYG24D Datasheet
133Kb / 2P
FAST AVALANCHE RECTIFIERS
logo
Vishay Siliconix
BYG24D VISHAY-BYG24D Datasheet
92Kb / 4P
Fast Avalanche SMD Rectifier
11-Apr-08
BYG24D VISHAY-BYG24D Datasheet
86Kb / 4P
Fast Avalanche SMD Rectifier
21-Dec-11
logo
SUNMATE electronic Co.,...
BYG24D SUNMATE-BYG24D Datasheet
373Kb / 2P
FAST AVALANCHE RECTIFIERS DIODES
More results

Similar Description - BYG24D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG24 VISHAY-BYG24 Datasheet
68Kb / 3P
Fast Avalanche SMD Rectifier
19-Oct-04
BYG21K VISHAY-BYG21K Datasheet
97Kb / 5P
Fast Avalanche SMD Rectifier
11-Apr-08
BYG24D VISHAY-BYG24D Datasheet
92Kb / 4P
Fast Avalanche SMD Rectifier
11-Apr-08
BYG21K VISHAY-BYG21K_13 Datasheet
87Kb / 5P
Fast Avalanche SMD Rectifier
24-Aug-12
BYG21M-E3-TR VISHAY-BYG21M-E3-TR Datasheet
92Kb / 5P
Fast Avalanche SMD Rectifier
21-Aug-13
BYG24JHE3 VISHAY-BYG24JHE3 Datasheet
86Kb / 4P
Fast Avalanche SMD Rectifier
21-Dec-11
BYG24D-E3 VISHAY-BYG24D-E3 Datasheet
90Kb / 4P
Fast Avalanche SMD Rectifier
21-Aug-13
BYG21K VISHAY-BYG21K_V01 Datasheet
101Kb / 5P
Fast Avalanche SMD Rectifier
21-Feb-2020
BYG24D VISHAY-BYG24D_V01 Datasheet
99Kb / 4P
Fast Avalanche SMD Rectifier
Revision: 21-Feb-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com