Electronic Components Datasheet Search
  English  ▼

X  

SNC102 Datasheet(PDF) 1 Page - SONiX Technology Company

Part # SNC102
Description  One Channel Direct Drive Speech Controller?
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC102 Datasheet(HTML) 1 Page - SONiX Technology Company

  SNC102 Datasheet HTML 1Page - SONiX Technology Company SNC102 Datasheet HTML 2Page - SONiX Technology Company SNC102 Datasheet HTML 3Page - SONiX Technology Company SNC102 Datasheet HTML 4Page - SONiX Technology Company SNC102 Datasheet HTML 5Page - SONiX Technology Company SNC102 Datasheet HTML 6Page - SONiX Technology Company SNC102 Datasheet HTML 7Page - SONiX Technology Company SNC102 Datasheet HTML 8Page - SONiX Technology Company SNC102 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SNC102
One Channel Direct Drive Speech Controller
1 INTRODUCTION
SNC102 is a one-channel voice synthesizer IC with PWM direct drive circuit. It built-in
a 4-bit tiny controller with one 4-bit input port, two 4-bit I/O ports. By programming
through the tiny controller in SNC102, user’s varied applications including voice
section combination, key trigger arrangement, output control, and other logic functions
can be easily implemented.
2 FEATURES
Single power supply 2.4V – 5.1V
13 seconds voice capacity are provided(@6KHZ sample rate)
Built in a 4-bit tiny controller
One 4-bit input port, two 4-bit I/O ports are provided
64*4 bits RAM are provided
40K*10 ROM size are provided for voice data and program
Maximum 16k program ROM is provided
Built in a high quality speech synthesizer
Adaptive playing speed from 2.5k-20kHz is provided
One voice channel
Built in a PWM Direct Drive circuit and a fixed current D/A output
System clock : 2MHz
Low Power Reset
Ver: 1.0
October 23, 2002
1


Similar Part No. - SNC102

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC101 SONIX-SNC101 Datasheet
307Kb / 9P
One Channel Direct Drive Speech Controller
SNC101 SONIX-SNC101 Datasheet
323Kb / 10P
One Channel Direct Drive Speech Controller
SNC101 SONIX-SNC101_05 Datasheet
323Kb / 10P
One Channel Direct Drive Speech Controller
SNC103 SONIX-SNC103 Datasheet
340Kb / 10P
One Channel Direct Drive Speech Controller?
SNC104 SONIX-SNC104 Datasheet
341Kb / 10P
One Channel Direct Drive Speech Controller?
More results

Similar Description - SNC102

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN65020 SONIX-SN65020 Datasheet
130Kb / 5P
One Channel Direct Drive Speech Controller
SN67D07 SONIX-SN67D07 Datasheet
106Kb / 5P
One Channel Direct Drive Speech Controller
SNC104 SONIX-SNC104 Datasheet
341Kb / 10P
One Channel Direct Drive Speech Controller?
SNC106 SONIX-SNC106 Datasheet
321Kb / 10P
One Channel Direct Drive Speech Controller?
SNC107 SONIX-SNC107 Datasheet
331Kb / 10P
One Channel Direct Drive Speech Controller?
SNC109 SONIX-SNC109 Datasheet
331Kb / 10P
One Channel Direct Drive Speech Controller?
SNC10A SONIX-SNC10A_05 Datasheet
340Kb / 11P
One Channel Direct Drive Speech Controller
SNC10C SONIX-SNC10C_05 Datasheet
329Kb / 11P
One Channel Direct Drive Speech Controller
SNC10D SONIX-SNC10D_05 Datasheet
336Kb / 11P
One Channel Direct Drive Speech Controller
SNC107 SONIX-SNC107_05 Datasheet
334Kb / 11P
One Channel Direct Drive Speech Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com