Electronic Components Datasheet Search
  English  ▼

X  

BYG26D Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BYG26D
Description  SMA ultra fast soft-recovery controlled avalanche rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BYG26D Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  BYG26D Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BYG26D Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
200V-600V
1.0A
BYG26D THRU BYG26J
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
• Glass passivated
• High maximum operating temperature
• Ideal for surface mount automotive applications
• Low leakage current
• Excellent stability
• Guaranteed avalanche energy absorption capability
• UL 94V-O classified plastic package
• Shipped in 12 mm embossed tape
• Marking: cathode, date code, type code
• Easy pick and place.
LIMITING VALUES
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
BYG26D
−
200
V
BYG26G
−
400
V
BYG26J
−
600
V
VR
continuous reverse voltage
BYG26D
−
200
V
BYG26G
−
400
V
BYG26J
−
600
V
VRMS
root mean square voltage
BYG26D
−
140
V
BYG26G
−
280
V
BYG26J
−
420
V
IF(AV)
average forward current
averaged over any 20 ms period;
Ttp =85 °C; see Fig.2
−
1A
IFSM
non-repetitive peak forward current
t = 8.3 ms half sine wave;
Tj =25 °C prior to surge;
VR =VRRMmax
−
15
A
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
See Fig.3
−65
+175
°C
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VF
forward voltage
IF = 1 A; see Fig.4
−
3.6
V
IR
reverse current
VR =VRRMmax; see Fig.5
−
5
µA
VR =VRRMmax; Tj = 165 °C; see Fig.5
−
100
µA
trr
reverse recovery time
when switched from IF = 0.5 A to IR =1A;
measured at IR = 0.25 A; see Fig.9
−
30
ns
Cd
diode capacitance
VR = 4 V; f = 1 MHz; see Fig.6
7
−
pF
SMA ultra fast soft-recovery
controlled avalanche rectifiers


Similar Part No. - BYG26D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYG26D PHILIPS-BYG26D Datasheet
60Kb / 12P
SMA ultra fast soft-recovery controlled avalanche rectifiers
2000 Feb 14
More results

Similar Description - BYG26D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYD31 PHILIPS-BYD31 Datasheet
59Kb / 9P
Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
BYD33 PHILIPS-BYD33 Datasheet
65Kb / 12P
Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
BYD37 PHILIPS-BYD37 Datasheet
65Kb / 12P
Fast soft-recovery controlled avalanche rectifiers
1999 Nov 16
BYD52 PHILIPS-BYD52 Datasheet
51Kb / 8P
Fast soft-recovery controlled avalanche rectifiers
1998 Dec 03
BYD57 PHILIPS-BYD57 Datasheet
77Kb / 12P
Ultra-fast soft-recovery controlled avalanche rectifiers
1999 Nov 11
BYG26 PHILIPS-BYG26 Datasheet
60Kb / 12P
SMA ultra fast soft-recovery controlled avalanche rectifiers
2000 Feb 14
BYV36 PHILIPS-BYV36 Datasheet
78Kb / 14P
Fast soft-recovery controlled avalanche rectifiers
1996 Jul 01
BYW95 PHILIPS-BYW95 Datasheet
54Kb / 8P
Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
RS1 PHILIPS-RS1 Datasheet
60Kb / 12P
SMA fast soft-recovery controlled avalanche rectifiers
2000 Feb 14
logo
EIC discrete Semiconduc...
BYD57DA EIC-BYD57DA Datasheet
113Kb / 3P
ULTRA-FAST SOFT-RECOVERY CONTROLLED AVALANCHE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com