Electronic Components Datasheet Search
  English  ▼

X  

TC271 Datasheet(PDF) 20 Page - Texas Instruments

Part # TC271
Description  1080 횞 580-PIXEL CCD IMAGE SENSOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TC271 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TC271 Datasheet HTML 14Page - Texas Instruments TC271 Datasheet HTML 15Page - Texas Instruments TC271 Datasheet HTML 16Page - Texas Instruments TC271 Datasheet HTML 17Page - Texas Instruments TC271 Datasheet HTML 18Page - Texas Instruments TC271 Datasheet HTML 19Page - Texas Instruments TC271 Datasheet HTML 20Page - Texas Instruments TC271 Datasheet HTML 21Page - Texas Instruments TC271 Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
TC271
1080
× 580-PIXEL CCD IMAGE SENSOR
SOCS039A – JANUARY 1994 – REVISED JUNE 1996
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
16
15
13
12 V
SUB
TRG
SRG1
SRG2
SRG3
SAG2
TMG
IAG
ABG
TDB
SUB
SUB
CDB
AMP GND
OUT1
OUT2
OUT3
ADB
SAG1
IAG
ABG
SUB
12 V
OUT 3
1 k
Ω
100
Ω
OUT 2
12 V
12 V
13
14
15
16
17
18
19
20
21
22
12
11
10
9
8
7
6
5
4
3
2
1
Master Oscillator
GND
VCC
GND
OUT
VCC
VSS
User-Defined Timer
TRG
SRG1
SRG2
SRG3
GT
ABG
IAG
MEMA
TMG
MEMB
SH1
SH2
SH3
CSYNC
PC1
PC2
CBLNK
CLK
SH2
SH3
PC1
PC2
CBLNK
VSS
VSS
VCC
SEL1
VCC
TRGOUT
SRG1OUT
SRG2OUT
SRG3OUT
VCC
NC
SEL0
VSS
VSS
SEL1OUT
NC
TRGIN
SRG1IN
SRG2IN
SRG3IN
PD
GND
SEL0OUT
1
2
3
4
5
6
7
8
9
19
18
17
14
13
12
11
10
20
IALVL
I/N
IAIN
ABIN
MIDSEL
SAIN
PD
GND
IASR
ABSR
VCC
ABLVL
IAOUT
ABOUT
SAOUT
VCC
VABG –
1
2
3
4
5
6
7
8
9
19
18
17
16
15
14
12
11
10
20
VABG –
VCC
VCC
V
20
10
11
12
13
14
15
16
17
18
19
9
8
7
6
5
4
3
2
1
VABG –
VCC
SAOUT
ABOUT
IAOUT
ABLVL
VCC
ABSR
IASR
GND
PD
SAIN
MIDSEL
ABIN
IAIN
I/N
IALVL
V
100
Ω
Parallel Driver
1 k
Ω
OUT 1
12 V
100
Ω
1 k
Ω
VABG +
47 k
Ω
20 k
Ω
47 k
Ω
20 k
Ω
ABLVL
PC3
PC3
CSYNC
SH1
2N3904
2N3904
2N3904
TC271
VSS
VSS
IALVL
VABG+
VABG+
TMS3473B
Parallel Driver
TMS3473B
SN28846
Serial Driver
Image Sensor
VCC
VSS
V
ABLVL
VABG +
VABG –
IALVL
5 V
– 10 V
2 V
– 1.5 V
4 V
–6 V
–5 V
DC VOLTAGES
(see Note B)
(see Note B)
(see Note B)
SUPPORT CIRCUITS
DEVICE
PACKAGE
APPLICATION
FUNCTION
SN28846DW
20 pin small outline
Serial driver
Driver for SRG1, SRG2, SRG3, and TRG
TMS3473BDW
20 pin small outline
Parallel driver
Driver for IAG, SAG1, SAG2, ABG, and TMG
Figure 20. Typical Application Circuit Diagram
NOTES: A. Decoupling capacitors are not shown.
B. TI recommends designing AC coupled systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com