Electronic Components Datasheet Search
  English  ▼

X  

THS7102CVFPR Datasheet(PDF) 5 Page - Texas Instruments

Part # THS7102CVFPR
Description  ADSL (POTS) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS7102CVFPR Datasheet(HTML) 5 Page - Texas Instruments

  THS7102CVFPR Datasheet HTML 1Page - Texas Instruments THS7102CVFPR Datasheet HTML 2Page - Texas Instruments THS7102CVFPR Datasheet HTML 3Page - Texas Instruments THS7102CVFPR Datasheet HTML 4Page - Texas Instruments THS7102CVFPR Datasheet HTML 5Page - Texas Instruments THS7102CVFPR Datasheet HTML 6Page - Texas Instruments THS7102CVFPR Datasheet HTML 7Page - Texas Instruments THS7102CVFPR Datasheet HTML 8Page - Texas Instruments THS7102CVFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
THS7102
ADSL (POTS) CENTRAL OFFICE LINE INTERFACE DRIVER/RECEIVER
SLOS311B− MAY 2000 − REVISED DECEMBER 2001
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
driver characteristics, VCCL = VCCOPx = 15 V, VCCON = GND, RS = 1.35 Ω, N = 1, RL = 27 Ω†,
Ci = 0.1 µF, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RIN−Tx Input resistance (single-ended)
1.13
1.16
1.19
k
Ω
VA
Output voltage
f = 1 MHz,
THD
≤ −31 dBc
23.8
24.4
Vpp
VA/VIN
Gain (see Note 3 and Figure 1)
f = 1 MHz
18.9
19.2
19.5
dB
VA/VIN
Gain (see Note 3 and Figure 1)
f
≅ 150 kHz (Peak Frequency)
22.4
22.7
23
dB
VB/VIN
Gain (see Note 3 and Figure 1)
f = 1 MHz
18.1
18.4
18.7
dB
VB/VIN
Gain (see Note 3 and Figure 1)
f
≅ 150 kHz (Peak Frequency)
21.6
21.9
22.2
dB
30 kHz
55
Differential output noise
100 kHz
85
nV/
√Hz
Differential output noise
138 kHz
118
nV/
√Hz
Zo
Output impedance‡
f = 20 kHz to 1.1 MHz
†
Ω
Filter corner frequency
HPF,
Ci = 0.1 µF
100
107
114
kHz
Filter corner frequency
LPF
1.1
1.3
1.65
MHz
Out of band rejection (relative to the input
VO at f = 40 kHz
Ci = 0.1 µF
0
−2
dB
Out of band rejection (relative to the input
signal)
VO at f = 6 MHz
−17.5
−20.5
dB
Channel-to-channel mismatch
f = 100 kHz to 800 kHz
−0.45
0
0.45
dB
Channel-to-channel mismatch
f = 900 kHz to 1.1 MHz
−0.45
0
0.5
dB
Off,
TXEN1 = 0
TXEN2 = 0
0.7
1
1.3
ICCL
Supply current
Low,
TXEN1 = 1
TXEN2 = 0
13.1
14.6
16.1
mA
ICCL
Supply current
Med.,
TXEN1 = 1
TXEN2 = 1
13.3
14.8
16.3
mA
High,
TXEN1 = 0
TXEN2 = 1
13.5
15
16.5
Off,
TXEN1 = 0,
TXEN2 = 0
0
0.6
1.1
ICCOP
Supply current
Low,
TXEN1 = 1,
TXEN2 = 0
1.7
2.7
3.7
mA
ICCOP
Supply current
Med.,
TXEN1 = 1,
TXEN2 = 1
6
7.5
9
mA
High,
TXEN1 = 0,
TXEN2 = 1
11
13
15
† The test circuit of RS = 1.35 Ω, N = 1, and RL = 27 Ω is equivalent to a standard ADSL circuit with RS = 1.35 Ω, N = 1.9, and RL = 100 Ω.
‡ Output impedance is given by Zo = 10 × RS.
NOTES:
3. Due to the gain of the transmit path, the maximum input voltage should not exceed 3 Vpp or clipping and distortion occurs.
receiver characteristics, VCCL = VCCOPx = 15 V, VCCON = GND, RS = 1.35 Ω, N = 1, RL = 3.9 kΩ,
RF = 5 kΩ, Gain = 26 dB, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Output voltage
VI = 1 Vpp, f = 103.5 kHz
19
20
Vpp
Output noise
At f = 30 kHz
77
nV/
√Hz
Output noise
At f = 130 kHz
72
nV/
√Hz
Vn
Noise voltage (preamp input noise)
f = 20 kHz
2.3
nV/
√Hz
In
Noise current (preamp input noise)
f = 20 kHz
1.0
pA/
√Hz
Filter corner frequency
VI = 0.5 Vpp
137.5
146.3
155
kHz
Out of band rejection (relative to input
point A) See Figure 1
VO at f = 400 kHz
−11.7
−13
dB
In-band ripple
VO at f = 55 kHz and 103.5 kHz
0.2
0.5
dB
Channel-to-channel mismatch
f = 10 kHz to 145 kHz
−0.2
0
0.2
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com