Electronic Components Datasheet Search
  English  ▼

X  

THS8200IPFPEP Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # THS8200IPFPEP
Description  All-Format Oversampled Component Video/PC Graphics D/A System With Three 11-Bit DACs, CGMS Data Insertion
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS8200IPFPEP Datasheet(HTML) 71 Page - Texas Instruments

Back Button THS8200IPFPEP Datasheet HTML 67Page - Texas Instruments THS8200IPFPEP Datasheet HTML 68Page - Texas Instruments THS8200IPFPEP Datasheet HTML 69Page - Texas Instruments THS8200IPFPEP Datasheet HTML 70Page - Texas Instruments THS8200IPFPEP Datasheet HTML 71Page - Texas Instruments THS8200IPFPEP Datasheet HTML 72Page - Texas Instruments THS8200IPFPEP Datasheet HTML 73Page - Texas Instruments THS8200IPFPEP Datasheet HTML 74Page - Texas Instruments THS8200IPFPEP Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 104 page
background image
THS8200-EP
www.ti.com
SLES253 – DECEMBER 2009
{tst_cntl2 0x1B(7:6)}
[00]
Adjusts the delay of the Y channel during YCbCr modes
tst_fastramp:
DAC test control, fast ramp
{tst_cntl2 0x1B(1)}
[0]
0 : Normal operation
1 : DAC outputs a ramp at 2× clock rate.
tst_slowramp:
DAC test control, slow ramp
{tst_cntl2 0x1B(0)}
[0]
0 : Normal operation
1 : DAC outputs a ramp at 2× clock rate divided by 64,000. This mode has a higher priority than the
one set by tst_fastramp
5.1.4
Data Path Control (Sub-Address 0x1C)
data_clk656_on:
ITU-R.BT656 output clock control
{data_cntl 0x1C(7)}
[0]
0 : D1CLKO output off
1 : D1CLKO output on
data_fsadj:
Full-scale adjust control
{data_cntl 0x1C(6)}
[0]
Selects which full-scale setting to use. See FSADJ<n> terminal description for nominal full-scale
adjust resistor values.
0 : Use full-scale setting from resistor connected to FSADJ2 terminal
1 : Use full-scale setting from resistor connected to FSADJ1 terminal
data_ifir12_bypass:
Bypass control 4:2:2 to 4:4:4
{data_cntl 0x1C(5)}
[0]
0 : Interpolation filters before the CSC are in the data path, enabling 4:2:2 to 4:4:4 conversion
internally. This mode should be used when the input data is in 4:2:2 format
1 : Interpolation filters before the CSC are bypassed. This mode should be used when the input data
is in 4:4:4 format.
data_ifir35_bypass:
Bypass control 2x interpolation
{data_cntl 0x1C(4)}
[0]
0 : interpolation filters after the CSC are in the data path; enabling 1× to 2× interpolation of the video
data.
1 : interpolation filters after the CSC are bypassed. This mode should be used when 1× DAC
operation is desired.
data_tristate656:
ITU-R.BT656 output bus
{data_cntl 0x1C(3)}
[0]
0 : the ITU-R.BT656 output bus is active.
1 : the ITU-R.BT656 output bus is in the high-impedance state.
Copyright © 2009, Texas Instruments Incorporated
71
I2C Register Map
Submit Documentation Feedback
Product Folder Link(s): THS8200-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com