Electronic Components Datasheet Search
  English  ▼

X  

TIL921 Datasheet(PDF) 3 Page - Texas Instruments

Part # TIL921
Description  SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIL921 Datasheet(HTML) 3 Page - Texas Instruments

  TIL921 Datasheet HTML 1Page - Texas Instruments TIL921 Datasheet HTML 2Page - Texas Instruments TIL921 Datasheet HTML 3Page - Texas Instruments TIL921 Datasheet HTML 4Page - Texas Instruments TIL921 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VCC = 5 V, IC(on) = 2 mA, RL = 100 Ω, See Figure 1
µs
TIL920, TIL921, TIL922, TIL920A, TIL921A, TIL922A
TIL920B, TIL921B, TIL922B
SINGLE/DUAL/QUAD CHANNEL OPTOCOUPLERS
SOOS032−D3908, FEBRUARY 1992
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
3
switching characteristics, TA = 25°C
PARAMETER†
TEST CONDITIONS
TYP
UNIT
tr
Rise time
6
tf
Fall time
6
† These parameters apply to either direction of the input current.
PARAMETER MEASUREMENT INFORMATION
Adjust amplitude of input pulse for IC(on) = 2 mA
Input
(see Note A)
Output
(see Note B)
RL = 100 Ω
47
Ω
VCC = 5 V
+
−
90%
10%
Output
Input
tf
tr
0
0
tr
tf
90%
10%
90%
10%
90%
10%
TEST CIRCUIT
VOLTAGE WAVEFORMS
NOTES: A. The input waveform is supplied by a generator with the following characteristics: Zo = 50 Ω, tr ≤ 15 ns, duty cycle = 1%.
B. The output waveform is monitored on an oscilloscope with the following characteristics: tr ≤ 12 ns, Ri ≥ 1 MΩ, Ci ≤ 20 pF.
Figure 1. Switching Times
TYPICAL CHARACTERISTICS
0
0
0.4
0.8
40
80
INPUT CURRENT
vs
INPUT VOLTAGE
100
1.2
1.6
60
20
VF − Input Voltage − V
TA = 25°C
−20
−40
−60
−80
− 100
−1.6 −1.2
− 0.8
− 0.4
Figure 2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com