Electronic Components Datasheet Search
  English  ▼

X  

TL507 Datasheet(PDF) 2 Page - Texas Instruments

Part # TL507
Description  ANALOG-TO-DIGITAL CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL507 Datasheet(HTML) 2 Page - Texas Instruments

  TL507 Datasheet HTML 1Page - Texas Instruments TL507 Datasheet HTML 2Page - Texas Instruments TL507 Datasheet HTML 3Page - Texas Instruments TL507 Datasheet HTML 4Page - Texas Instruments TL507 Datasheet HTML 5Page - Texas Instruments TL507 Datasheet HTML 6Page - Texas Instruments TL507 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TL507C, TL507l
ANALOGTODIGITAL CONVERTER
SLAS041 − OCTOBER 1979 − REVISED OCTOBER 1988
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
functional block diagram (positive logic)
R
+
1
ENABLE
8
RESET
CLK
2
ANALOG
INPUT
0.25 VCC1
Comparator 2
200 mV
4
Output
GND
VCC1
VCC2
3
6
7
Regulator
R
+
−
Comparator 1
64R
32R
16R
8R
4R
2R
R
LSB
CTR
MSB
5
indicates an n-p-n open-collector output.
schematics of inputs and outputs
VCC1
Output
Output
Nom
24 k
Ω
Nom
3 k
Ω
Nom
32 k
Ω
Nom
10 k
Ω
≈ 10
µA
Constant
Current
VCC1
Input
Nom
100 k
Ω
EQUIVALENT OF ANALOG
INPUT
Input
Nom
75 k
Ω
EQUIVALENT OF CLOCK
INPUT
Input
Nom
75 k
Ω
EQUIVALENT OF ENABLE
AND RESET INPUTS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com