Electronic Components Datasheet Search
  English  ▼

X  

SNC111 Datasheet(PDF) 5 Page - SONiX Technology Company

Part # SNC111
Description  One Channel Direct Drive Speech Controller?
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC111 Datasheet(HTML) 5 Page - SONiX Technology Company

  SNC111 Datasheet HTML 1Page - SONiX Technology Company SNC111 Datasheet HTML 2Page - SONiX Technology Company SNC111 Datasheet HTML 3Page - SONiX Technology Company SNC111 Datasheet HTML 4Page - SONiX Technology Company SNC111 Datasheet HTML 5Page - SONiX Technology Company SNC111 Datasheet HTML 6Page - SONiX Technology Company SNC111 Datasheet HTML 7Page - SONiX Technology Company SNC111 Datasheet HTML 8Page - SONiX Technology Company SNC111 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SNC111
One Channel Direct Drive Speech Controller
Input data
Typical value of output current (mA)
0
0
1
3/127
…
N
n*(3/127)
…
127
3
VCC
BUO1/VO
1K
DAC output
PWM: A PWM (pulse width modulation) circuit is built-in SNC111. PWM can
convert input digital data into pulse trains with suitable different pulse width. The
maximum resolution of PWM is 7 bits. Two huge output stage circuits are
designed in SNC111. With this advanced circuit, the chip is capable of driving
speaker directly without external transistors.
The recommended application
circuit is illustrated as follows.
BUO1/VO
BUO2
PWM Output
Ver: 1.1
August 26, 2003
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com