Electronic Components Datasheet Search
  English  ▼

X  

TL032ACP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TL032ACP
Description  ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL032ACP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL032ACP Datasheet HTML 2Page - Texas Instruments TL032ACP Datasheet HTML 3Page - Texas Instruments TL032ACP Datasheet HTML 4Page - Texas Instruments TL032ACP Datasheet HTML 5Page - Texas Instruments TL032ACP Datasheet HTML 6Page - Texas Instruments TL032ACP Datasheet HTML 7Page - Texas Instruments TL032ACP Datasheet HTML 8Page - Texas Instruments TL032ACP Datasheet HTML 9Page - Texas Instruments TL032ACP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
TL03x, TL03xA
ENHANCED-JFET LOW-POWER LOW-OFFSET
OPERATIONAL AMPLIFIERS
SLOS180C − FEBRUARY 1997 − REVISED DECEMBER 2001
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TL031C and TL031AC electrical characteristics at specified free-air temperature
TL031C, TL031AC
PARAMETER
TEST CONDITIONS
TA
VCC± = ±5 V
VCC± = ±15 V
UNIT
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
TL031C
25
°C
0.54
3.5
0.5
1.5
V
Input offset voltage
VO = 0,
V
0
TL031C
Full range†
4.5
2.5
mV
VIO
Input offset voltage
VIC = 0,
RS = 50 Ω
TL031AC
25
°C
0.41
2.8
0.34
0.8
mV
RS = 50 Ω
TL031AC
Full range†
3.8
1.8
TL031C
25
°C to
71
59
a
Temperature coefficient of
VO = 0,
V
0
TL031C
25 C to
70
°C
7.1
5.9
V/
°C
a
V
IO
Temperature coefficient of
input offset voltage
VIC =0,
RS = 50 Ω
TL031AC
25
°C to
71
59
25
μV/°C
input offset voltage
RS = 50 Ω
TL031AC
25 C to
70
°C
7.1
5.9
25
Input offset voltage
long-term drift‡
VO = 0,
VIC =0,
RS = 50 Ω
25
°C
0.04
0.04
μV/mo
I
Input offset current
VO = 0, VIC = 0
25
°C
1
100
1
100
pA
IIO
Input offset current
VO = 0, VIC = 0
See Figure 5
70
°C
9
200
12
200
pA
I
Input bias current
VO = 0, VIC = 0
25
°C
2
200
2
200
pA
IIB
Input bias current
VO = 0, VIC = 0
See Figure 5
70
°C
50
400
80
400
pA
V
Common-mode input
25
°C
−1.5
to 4
−3.4
to 5.4
−11.5
to 14
−13.4
to 15.4
V
VICR
Common mode input
voltage range
Full range†
−1.5
to 4
−11.5
to 14
V
M
i
iti
k
25
°C
3
4.3
13
14
VOM+
Maximum positive peak
output voltage swing
RL = 10 kΩ
0
°C
3
4.2
13
14
V
VOM+
output voltage swing
RL
10 k
Ω
70
°C
3
4.3
13
14
V
Mi
ti
k
25
°C
−3
−4.2
−12.5
−13.9
VOM−
Maximum negative peak
output voltage swing
RL = 10 kΩ
0
°C
−3
−4.1
−12.5
−13.9
V
VOM−
output voltage swing
RL
10 k
Ω
70
°C
−3
−4.2
−12.5
−14
V
25
°C
4
12
5
14.3
AVD
Large-signal differential
voltage amplification§
RL = 10 kΩ
0
°C
3
11.1
4
13.5
V/mV
AVD
voltage amplification§
RL
10 k
Ω
70
°C
4
13.3
5
15.2
V/mV
ri
Input resistance
25
°C
1012
1012
Ω
ci
Input capacitance
25
°C
5
4
pF
Cd
V
V
i
25
°C
70
87
75
94
CMRR
Common-mode
rejection ratio
VIC = VICRmin,
VO =0 RS =50 Ω
0
°C
70
87
75
94
dB
CMRR
rejection ratio
VO = 0, RS = 50 Ω
70
°C
70
87
75
94
dB
Supply-voltage
25
°C
75
96
75
96
kSVR
Supply-voltage
rejection ratio
VO = 0, RS = 50 Ω
0
°C
75
96
75
96
dB
SVR
rejection ratio
(
ΔVCC±/ΔVIO)
O
,
S
70
°C
75
96
75
96
† Full range is 0
°C to 70°C.
‡ Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to
TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.
§ At VCC± = ±5 V, VO = ±2.3 V; at VCC± = ±15 V, VO = ±10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com