Electronic Components Datasheet Search
  English  ▼

X  

TL1593 Datasheet(PDF) 2 Page - Texas Instruments

Part # TL1593
Description  3-CHANNEL SAMPLE-AND-HOLD CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL1593 Datasheet(HTML) 2 Page - Texas Instruments

  TL1593 Datasheet HTML 1Page - Texas Instruments TL1593 Datasheet HTML 2Page - Texas Instruments TL1593 Datasheet HTML 3Page - Texas Instruments TL1593 Datasheet HTML 4Page - Texas Instruments TL1593 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TL1593C
3-CHANNEL SAMPLE-AND-HOLD CIRCUIT
SOCS027B – APRIL 1987 – REVISED JULY 1991
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
schematic
–
+
OUT1
2
3
11 dB
12
16
S/H1
CIN1
AIN1
–
+
DIG GND
ANLG
GND
–
+
OUT2
4
5
11 dB
11
15
–
+
S/H2
CIN2
AIN2
DIG GND
ANLG
GND
–
+
OUT3
6
7
11 dB
10
14
–
+
S/H3
CIN3
AIN3
DIG GND
ANLG
GND
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AIN1
2
I
Channel 1 analog input
AIN2
4
I
Channel 2 analog input
AIN3
6
I
Channel 3 analog input
ANLG GND
8
Analog ground
ANLG VCC
1
Analog supply voltage
CIN1
3
I
Channel 1 compensation input
CIN2
5
I
Channel 2 compensation input
CIN3
7
I
Channel 3 compensation input
DIG GND
9
Digital ground
DIG VCC
13
Digital supply voltage
OUT1
12
O
Channel 1 output
OUT2
11
O
Channel 2 output
OUT3
10
O
Channel 3 output
S/H1
16
I
Channel 1 sample-and-hold input
S/H2
15
I
Channel 2 sample-and-hold input
S/H3
14
I
Channel 3 sample-and-hold input



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com