| Electronic Components Datasheet Search |
|
SN8P1602AP Datasheet(PDF) 71 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8P1602AP Datasheet(HTML) 71 Page - SONiX Technology Company |
|
71 / 94 page ![]() SN8P1600 8-bit micro-controller SONiX TECHNOLOGY CO., LTD Page 71 Revision 1.94 1 1 10 0 0I/O PORT OVERVIEW The SN8P1602/1603 provides up to 3 ports for users’ application, consisting of one input only port (P0), two I/O ports (P1, P2,). The SN8P1602/1603 is without input pull-up resistors. The direction of I/O port is selected by PnM register. After the system resets, these ports work as input function. The SN8P1604 provides 4 ports for users’ application, consisting of one input port (P0) and three I/O ports (P1,P2,P5). The direction of I/O port is selected by PnM register. After the system resets, these ports work as input port without pull up resistors. If the user want to read-in a signal from I/O pin, it recommends to switch I/O pin as input mode to execute read-in instruction. (B0BTS0 M.b, B0BTS1 M.b or B0MOV A,M). The pull-up resistor can be set up by the code option in the programming phase. SN8P1602/1603 Port0 structure Pin Int. bus Pin Int. bus PnM Latch Port1, 2 structure PnM PnM Port0 structure Pin Int. bus Pin Int. bus PnM Latch Port1, 2 structure PnM PnM Note: All of the latch output circuits are push-pull structures. SN8P1604 Port0 structure PUR Code Option Pin Int. bus PUR PnM, Code Option Pin Int. bus PnM Latch Port1,2, 5 structure PnM PnM Port0 structure PUR Code Option Pin Int. bus PUR PnM, Code Option Pin Int. bus PnM Latch Port1,2, 5 structure PnM PnM Note: The pull-up resistor can be set up by the code option in the programming phase. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |