Electronic Components Datasheet Search
  English  ▼

X  

MCP1754 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP1754
Description  150 mA, 16V, High Performance LDO
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1754 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP1754 Datasheet HTML 2Page - Microchip Technology MCP1754 Datasheet HTML 3Page - Microchip Technology MCP1754 Datasheet HTML 4Page - Microchip Technology MCP1754 Datasheet HTML 5Page - Microchip Technology MCP1754 Datasheet HTML 6Page - Microchip Technology MCP1754 Datasheet HTML 7Page - Microchip Technology MCP1754 Datasheet HTML 8Page - Microchip Technology MCP1754 Datasheet HTML 9Page - Microchip Technology MCP1754 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
MCP1754/MCP1754S
DS22276A-page 6
© 2011 Microchip Technology Inc.
Output Voltage Regulation
VOUT
VR-
2.0%
VR±0.
2%
VR+2.0
%
V
Note 2
VOUT Temperature
Coefficient
TCVOUT
—22
ppm/°C
Note 3
Line Regulation
ΔV
OUT/
(VOUTXΔVIN)
-0.05
±0.01
+0.05
%/V
VR + 1V ≤ VIN ≤ 16V
Load Regulation
ΔV
OUT/VOUT
-1.1
-0.4
0
%IL = 1.0 mA to 150 mA, Note 4
Dropout Voltage (Note 5)VDROPOUT
—300
500
mV
IL = 150 mA
Dropout Current
IDO
—50
85
µA
VIN = 0.95VR, IOUT = 0 mA
Undervoltage Lockout
Undervoltage Lockout
UVLO
—
2.95
—
V
Rising VIN
Undervoltage Lockout
Hysterisis
UVLOHYS
—
285
—
mV
Falling VIN
Shutdown Input
Logic High Input
VSHDN-HIGH
2.4
—VIN(MAX)
V
Logic Low Input
VSHDN-LOW
0.0
—
0.8
V
Shutdown Input Leakage
Current
SHDNILK
—
—
0.100
0.500
0.500
2.0
µA
SHDN = GND
SHDN = 16V
Power Good Output
PWRGD Input Voltage
Operating Range
VPWRGD_VIN
1.7
—VIN
VISINK = 1 mA
PWRGD Threshold Volt-
age (Referenced to VOUT)
VPWRGD_TH
90
92
94
%VOUT
Falling Edge of VOUT
PWRGD Threshold
Hysteresis
VPWRGD_HYS
—2.0
—
%VOUT
Rising Edge of VOUT
PWRGD Output Voltage
Low
VPWRGD_L
—0.2
0.6
VIPWRGD_SINK = 5.0 mA,
VOUT = 0V
PWRGD Output Sink
Current
IPWRGD_L
5.0
——
mA
VPWRGD ≤ 0.4V
PWRGD Leakage Current
IPWRGD_LK
—40
700
nA
VPWRGD Pullup = 10 KΩ to VIN,
VIN = 16V
AC/DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise specified, all limits are established for VIN = VR + 1V, Note 1, ILOAD = 1 mA, COUT =
1 µF (X7R), CIN = 1 µF (X7R), TA = 25°C, tr(VIN) = 0.5V/µs, SHDN = VIN, PWRGD = 10K to VOUT.
Boldface type applies for junction temperatures, TJ (Note 7) of -40°C to +125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note
1:
The minimum VIN must meet two conditions: VIN ≥ 3.6V and VIN ≥ VR + VDROPOUT(MAX).
2:
VR is the nominal regulator output voltage when the input voltage VIN = VRated + VDROPOUT(MAX) or ViIN = 3.6V (which-
ever is greater); IOUT = 1 mA.
3:
TCVOUT = (VOUT-HIGH - VOUT-LOW) *10
6 / (V
R * ΔTemperature), VOUT-HIGH = highest voltage measured over the
temperature range. VOUT-LOW = lowest voltage measured over the temperature range.
4:
Load regulation is measured at a constant junction temperature using low duty cycle pulse testing. Changes in output
voltage due to heating effects are determined using thermal regulation specification TCVOUT.
5:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal VR
measured value. The nominal VR measured value is obtained with
6:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction
temperature and the thermal resistance from junction to air (i.e., TA, TJ, θJA). Exceeding the maximum allowable power
dissipation will cause the device operating junction temperature to exceed the maximum 150°C rating. Sustained
junction temperatures above 150°C can impact the device reliability.
7:
The junction temperature is approximated by soaking the device under test at an ambient temperature equal to the
desired Junction temperature. The test time is small enough such that the rise in the Junction temperature over the
ambient temperature is not significant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com