Electronic Components Datasheet Search
  English  ▼

X  

PCM1602A Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1602A
Description  24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1602A Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCM1602A Datasheet HTML 10Page - Texas Instruments PCM1602A Datasheet HTML 11Page - Texas Instruments PCM1602A Datasheet HTML 12Page - Texas Instruments PCM1602A Datasheet HTML 13Page - Texas Instruments PCM1602A Datasheet HTML 14Page - Texas Instruments PCM1602A Datasheet HTML 15Page - Texas Instruments PCM1602A Datasheet HTML 16Page - Texas Instruments PCM1602A Datasheet HTML 17Page - Texas Instruments PCM1602A Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
Reset
Reset Removal
VDD
2.4 V
2 V
1.6 V
Internal Reset
System Clock
T0014-08
0 V
Don’t Care
1024 System Clocks
Reset Removal
1024 System Clocks
RST
Internal Reset
System Clock
Reset
T0015-06
PCM1602A
SLES146A – AUGUST 2005 – REVISED OCTOBER 2010
www.ti.com
POWER-ON AND EXTERNAL RESET FUNCTIONS
The PCM1602A includes a power-on-reset function, as shown in Figure 20. With the system clock active, and
VDD > 2 V (typical, 1.6 V to 2.4 V), the power-on-reset function is enabled. The initialization sequence requires
1024 system clocks from the time VDD > 2 V. After the initialization period, the PCM1602A is set to its reset
default state, as described in the Mode Control Registers section of this data sheet.
The PCM1602A also includes an external reset capability using the RST input (pin 37). This allows an external
controller or master reset circuit to force the PCM1602A to initialize to its reset default state. For normal
operation, RST should be set to a logic-1.
The external reset operation and timing is shown in Figure 21. The RST pin is set to logic-0 for a minimum of
20 ns. After the initialization sequence is completed, the PCM1602A is set to its reset default state, as described
in the Mode Control Registers section of this data sheet.
During the reset period (1024 system clocks), the analog outputs are forced to the bipolar zero level (or VCC/2).
After the reset period, the internal registers are initialized in the next 1/fS period and, if SCKI, BCK, and LRCK
are provided continuously, the PCM1602A provides proper analog output with the group delay time given in the
Electrical Characteristics section of this data sheet.
The external reset is especially useful in applications where there is a delay between PCM1602A power-up and
system-clock activation. In this case, the RST pin should be held at a logic-0 level until the system clock has
been activated.
Figure 20. Power-On-Reset Timing
Figure 21. External Reset Timing
14
Submit Documentation Feedback
Copyright © 2005–2010, Texas Instruments Incorporated
Product Folder Link(s): PCM1602A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com