Electronic Components Datasheet Search
  English  ▼

X  

PCM1602APT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1602APT
Description  24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1602APT Datasheet(HTML) 1 Page - Texas Instruments

  PCM1602APT Datasheet HTML 1Page - Texas Instruments PCM1602APT Datasheet HTML 2Page - Texas Instruments PCM1602APT Datasheet HTML 3Page - Texas Instruments PCM1602APT Datasheet HTML 4Page - Texas Instruments PCM1602APT Datasheet HTML 5Page - Texas Instruments PCM1602APT Datasheet HTML 6Page - Texas Instruments PCM1602APT Datasheet HTML 7Page - Texas Instruments PCM1602APT Datasheet HTML 8Page - Texas Instruments PCM1602APT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
PCM1602A
www.ti.com
SLES146A – AUGUST 2005 – REVISED OCTOBER 2010
24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel,
Delta-Sigma Digital-to-Analog Converter
Check for Samples: PCM1602A
1
FEATURES
APPLICATIONS
2345
• 24-Bit Resolution
•
Integrated A/V Receivers
•
Analog Performance:
•
DVD Movie and Audio Players
–
Dynamic Range: 105 dB, Typical
•
HDTV Receivers
–
SNR: 105 dB, Typical
•
Car Audio Systems
–
THD+N: 0.002%, Typical
•
DVD Add-On Cards for High-End PCs
–
Full-Scale Output: 3.1 VPP, Typical
•
Digital Audio Workstations
•
4×/8× Oversampling Interpolation Filter:
•
Other Multichannel Audio Systems
–
Stop-Band Attenuation: –55 dB
–
Pass-Band Ripple: ±0.03 dB
DESCRIPTION
•
Sampling Frequency:
The PCM1602A is a CMOS, monolithic integrated
circuit that features six 24-bit audio digital-to-analog
–
5 kHz to 200 kHz (Channels 1 and 2)
converters (DACs) and support circuitry in a small
–
5 kHz to 100 kHz (Channels 3, 4, 5, and 6)
LQFP-48 package. The DACs use Texas Instruments'
•
Accepts 16-, 18-, 20-, and 24-Bit Audio Data
enhanced multilevel, delta-sigma architecture that
•
Data Formats: Standard, I2S™, and
employs fourth-order noise shaping and 8-level
amplitude
quantization
to
achieve
excellent
Left-Justified
signal-to-noise performance and a high tolerance to
•
System Clock: 128 fS, 192 fS, 256 fS, 384 fS, 512
clock jitter.
fS, or 768 fS
The PCM1602A accepts industry-standard audio data
•
User-Programmable Functions:
formats with 16- to 24-bit audio data. Sampling rates
–
Digital Attenuation: 0 dB to –63 dB,
up to 200 kHz (channels 1 and 2) or 100 kHz
0.5 dB/Step
(channels 3, 4, 5, and 6) are supported. A full set of
–
Soft Mute
user-programmable functions is accessible through a
4-wire serial control port that supports register write
–
Zero Flags Can Be Used As General-
and read functions.
Purpose Logic Output
–
Digital De-Emphasis
–
Digital Filter Rolloff: Sharp or Slow
•
Dual-Supply Operation:
–
5-V Analog
–
3.3-V Digital
•
5-V Tolerant Digital Logic Inputs
•
Package: LQFP-48
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
FilterPro is a trademark of Texas Instruments.
3
System Two, Audio Precision are trademarks of Audio Precision, Inc.
4
I2S is a trademark of NXP Semiconductors.
5
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM1602APT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1602APT TI2-PCM1602APT Datasheet
535Kb / 46P
24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
REVISED OCTOBER 2010
PCM1602APT.B TI2-PCM1602APT.B Datasheet
535Kb / 46P
24-Bit, 192-kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma Digital-to-Analog Converter
REVISED OCTOBER 2010
More results

Similar Description - PCM1602APT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1606 BURR-BROWN-PCM1606 Datasheet
385Kb / 27P
24-BIT, 192-kHz SAMPLING, 6-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1680 TI-PCM1680 Datasheet
427Kb / 33P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1780 TI-PCM1780 Datasheet
439Kb / 31P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1609A TI-PCM1609A Datasheet
555Kb / 43P
24-BIT, 192-kHz SAMPLING, 8-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1681 TI-PCM1681 Datasheet
1Mb / 43P
24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1606E TI1-PCM1606E Datasheet
405Kb / 28P
24-Bit, 192-kHz SAMPLING. 6-CHANNEL, ENHANCED MULTILEVEL, DELTA- SIGMA DIGITAL-TO-ANALOG CONVERTER
PCM1742KE TI-PCM1742KE Datasheet
788Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1681PWPR TI1-PCM1681PWPR Datasheet
1Mb / 43P
24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PCM1680 TI-PCM1680_15 Datasheet
730Kb / 39P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PCM1742 TI-PCM1742_15 Datasheet
673Kb / 38P
24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma,Audio Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com