Electronic Components Datasheet Search
  English  ▼

X  

PCM5100A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5100A
Description  2VRMS DirectPath?? 112/106/100dB Audio Stereo DAC with 32-bit, 384kHz PCM Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM5100A Datasheet(HTML) 2 Page - Texas Instruments

  PCM5100A Datasheet HTML 1Page - Texas Instruments PCM5100A Datasheet HTML 2Page - Texas Instruments PCM5100A Datasheet HTML 3Page - Texas Instruments PCM5100A Datasheet HTML 4Page - Texas Instruments PCM5100A Datasheet HTML 5Page - Texas Instruments PCM5100A Datasheet HTML 6Page - Texas Instruments PCM5100A Datasheet HTML 7Page - Texas Instruments PCM5100A Datasheet HTML 8Page - Texas Instruments PCM5100A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
PCM5100A, PCM5101A, PCM5102A
SLAS859 – MAY 2012
www.ti.com
The integrated line driver surpasses all other charge-
APPLICATIONS
pump based line drivers by supporting loads down to
•
A/V Receivers
1k
Ω.
By
supporting
loads
down
to
1k
Ω,
the
•
DVD, BD Players
PCM510xA can essentially drive up to 10 products in
parallel. (LCD TV, DVDR, AV Receivers etc).
•
HDTV Receivers
•
Applications Requiring 2VRMS Audio Output
The integrated PLL on the device removes the
requirement for a system clock (commonly known as
master clock). This allows a 3-wire I2S connection,
DESCRIPTION
along with reduced system EMI.
The PCM510xA devices are a family of monolithic
CMOS integrated circuits that include a stereo digital-
Intelligent clock error and PowerSense under voltage
to-analog converter and additional support circuitry in
protection utilizes a two level mute system for pop-
a small TSSOP package. The PCM510xA uses the
free performance. Upon clock error or system power
latest generation of TI’s advanced segment-DAC
failure, the device digitally attenuates the data (or last
architecture
to
achieve
excellent
dynamic
known good data), then mutes the analog circuit
performance and improved tolerance to clock jitter.
Compared
with
existing
DAC
technology,
the
The PCM510xA provides 2.1VRMS ground centered
PCM510xA family offers up to 20dB lower out-of-
outputs, allowing designers to eliminate DC blocking
band noise, reducing EMI and aliasing in downstream
capacitors on the output, as well as external muting
amplifiers/ADCs.
(from
traditional
100kHz
OBN
circuits traditionally associated with single supply line
measurements all the way to 3MHz)
drivers.
The PCM510xA accepts industry-standard audio data
formats with 16- to 32-bit data. Sample rates up to
384kHz are supported.
Table 1. Differences Between PCM510xA Devices
Part Number
Dynamic Range
SNR
THD
PCM5102A
112dB
112dB
–93dB
PCM5101A
106dB
106dB
–92dB
PCM5100A
100dB
100dB
–90dB
spacer
2
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com