Electronic Components Datasheet Search
  English  ▼

X  

MCR16 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MCR16
Description  Silicon Controlled Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCR16 Datasheet(HTML) 2 Page - Motorola, Inc

  MCR16 Datasheet HTML 1Page - Motorola, Inc MCR16 Datasheet HTML 2Page - Motorola, Inc MCR16 Datasheet HTML 3Page - Motorola, Inc MCR16 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MCR16 SERIES
2
Motorola Thyristor Device Data
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Forward Blocking Current
TJ = 25°C
Peak Reverse Blocking Current
TJ = 125°C
(VAK = Rated VDRM or VRRM, Gate Open)
IDRM
IRRM
—
—
—
—
0.01
2.0
mA
ON CHARACTERISTICS
Peak On-State Voltage* (ITM = 32 A)
VTM
—
—
1.7
Volts
Gate Trigger Current (Continuous dc) (VD = 12 V, RL = 100 Ω)
IGT
2.0
8.0
20
mA
Gate Trigger Voltage (Continuous dc) (VD = 12 V, RL = 100 Ω)
VGT
0.5
0.65
1.0
Volts
Hold Current (Anode Voltage =12 V)
IH
4.0
25
40
mA
DYNAMIC CHARACTERISTICS
Critical Rate of Rise of Off–State Voltage
(VD = Rated VDRM, Exponential Waveform, Gate Open, TJ = 25°C)
dv/dt
50
200
—
V/
µs
*Indicates Pulse Test: Pulse Width
≤ 2.0 ms, Duty Cycle ≤ 2%.
a=30°
dc
0
2
4
6
8
10
12
14
16
90
95
100
105
110
115
120
125
Figure 1. Average Current Derating
IT(AV), AVERAGE ON–STATE CURRENT (AMP)
a
a = Conduction
Angle
60
°
90
° 120° 180°
0
2
4
6
8
10
12
14
16
0
2
4
6
8
10
12
14
16
18
20
22
Figure 2. Maximum On–State Power Dissipation
IT(AV), AVERAGE ON–STATE CURRENT (AMP)
a
a = Conduction
Angle
a=30°
dc
60
°
90
°
120
°
180
°
0.5
1
1.5
2
2.5
3
3.5
0.1
1
10
100
Figure 3. On–State Characteristics
VT, INSTANTANEOUS ON–STATE VOLTAGE (VOLTS)
Maximum @ TJ=125 °C
Maximum @ TJ=25 °C
Typical @ TJ=25 °C
0.1
1
10
100
1000
0.01
0.1
1
Figure 4. Transient Thermal Response
t, TIME (ms)
1
@104
ZqJC(t) + RqJC(t) @ r(t)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com