Electronic Components Datasheet Search
  English  ▼

X  

PTH08T255W Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T255W
Description  40-A, 8-V to 14-V INPUT, 3-V to 5.25-V OUTPUT, NON-ISOLATED, ADJUSTABLE POWER MODULE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH08T255W Datasheet(HTML) 16 Page - Texas Instruments

Back Button PTH08T255W Datasheet HTML 12Page - Texas Instruments PTH08T255W Datasheet HTML 13Page - Texas Instruments PTH08T255W Datasheet HTML 14Page - Texas Instruments PTH08T255W Datasheet HTML 15Page - Texas Instruments PTH08T255W Datasheet HTML 16Page - Texas Instruments PTH08T255W Datasheet HTML 17Page - Texas Instruments PTH08T255W Datasheet HTML 18Page - Texas Instruments PTH08T255W Datasheet HTML 19Page - Texas Instruments PTH08T255W Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Config
+Sense
SmartSync
V
I
R
SET
GND
GND
PTH08T255W
TurboTrans
AutoTrack
Inhibit/UVLO
V
O
Adj
V
O
-Sense
+
L
O
A
D
-Sense
GND
V
I
+
V
O
+Sense
C
I
1000 mF
(Required)
R
TT
20 kW
C
O
2000 mF
Type B
UDG-08146
C
I2
22 mF
TurboTrans
AGND
PTH08T255W
SLTS290 – NOVEMBER 2008 ........................................................................................................................................................................................... www.ti.com
Figure 9. Typical TurboTrans™ Application
16
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PTH08T255W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com