Electronic Components Datasheet Search
  English  ▼

X  

REF5025A Datasheet(PDF) 11 Page - Texas Instruments

Part # REF5025A
Description  LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5025A Datasheet(HTML) 11 Page - Texas Instruments

Back Button REF5025A Datasheet HTML 7Page - Texas Instruments REF5025A Datasheet HTML 8Page - Texas Instruments REF5025A Datasheet HTML 9Page - Texas Instruments REF5025A Datasheet HTML 10Page - Texas Instruments REF5025A Datasheet HTML 11Page - Texas Instruments REF5025A Datasheet HTML 12Page - Texas Instruments REF5025A Datasheet HTML 13Page - Texas Instruments REF5025A Datasheet HTML 14Page - Texas Instruments REF5025A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Drift +
V
OUTMAX
* VOUTMIN
V
OUT
Temp Range
106(ppm)
DNC
TEMP
V
OUT
V
IN
GND
DNC
NC
TRIM/NR
REF50xx
V
TEMP
2.6mV/ C
°
OPA(1)
NOTE:(1)Lowdriftopamp,suchastheOPA333,OPA335,orOPA376.
+V
V
=
HYST
·
10 (ppm)
6
(
(
|V
V
|
V
PRE
POST
NOM
-
REF5020-Q1, REF5025-Q1, REF5030-Q1
REF5040-Q1, REF5045-Q1, REF5050-Q1
www.ti.com
SBOS456F
– SEPTEMBER 2008 – REVISED SEPTEMBER 2011
TEMPERATURE DRIFT
To avoid errors caused by low-impedance loading,
buffer
the
TEMP
pin
output
with
a
suitable
The REF50xx is designed for minimal drift error,
low-temperature drift op amp, such as the OPA333,
which is defined as the change in output voltage over
OPA335, or OPA376, as shown in Figure 32.
temperature. The drift is calculated using the box
method, as described by the following equation:
(1)
The REF50xx features a maximum drift coefficient of
3 ppm/
°C for the high-grade version, and 8 ppm/°C
for the standard-grade.
space
THERMAL HYSTERESIS
Thermal hysteresis for the REF50xx is defined as the
Figure 32. Buffering the TEMP Pin Output
change in output voltage after operating the device at
+25
°C, cycling the device through the specified
temperature range, and returning to +25
°C. It can be
POWER DISSIPATION
expressed as Equation 2:
The REF50xx family is specified to deliver current
loads of
±10 mA over the specified input voltage
range. The temperature of the device increases
(2)
according to the equation:
Where:
TJ = TA + PD × θJA
(3)
VHYST = thermal hysteresis (in units of ppm).
Where:
VNOM = the specified output voltage.
TJ = Junction temperature (°C)
VPRE = output voltage measured at +25°C
TA = Ambient temperature (°C)
pretemperature cycling.
PD = Power dissipated (W)
VPOST = output voltage measured after the device
θJA = Junction-to-ambient thermal resistance
has
been
cycled
from
+25
°C
through
the
(
°C/W)
specified temperature range of
–40°C to +125°C
and returned to +25
°C.
The REF50xx junction temperature must not exceed
the absolute maximum rating of 150
°C.
TEMPERATURE MONITORING
NOISE PERFORMANCE
The temperature output terminal (TEMP, pin 3)
provides a temperature-dependent voltage output
Typical 0.1Hz to 10Hz voltage noise for each member
with approximately 60-k
Ω source impedance. As
of the REF50xx family is specified in the Electrical
seen in Figure 8, the output voltage follows the
Characteristics: Per Device table. The noise voltage
nominal relationship:
increases
with
output
voltage
and
operating
temperature. Additional filtering can be used to
VTEMP PIN = 509 mV + 2.64 × T(°C)
improve output noise levels, although care should be
This pin indicates general chip temperature, accurate
taken to ensure the output impedance does not
to approximately
±15°C. Although it is not generally
degrade performance.
suitable for accurate temperature measurements, it
For additional information about how to minimize
can be used to indicate temperature changes or for
noise and maximize performance in mixed-signal
temperature compensation of analog circuitry. A
applications such as data converters, refer to the
temperature change of 30
°C corresponds to an
series of Analog Applications Journal articles entitled,
approximate 79-mV change in voltage at the TEMP
How a Voltage Reference Affects ADC Performance.
pin.
This three-part series is available for download from
The TEMP pin has high output impedance (see
the TI website under three literature numbers:
Figure 28). Loading this pin with a low-impedance
SLYT331, SLYT339, and SLYT355 for Part I, Part II,
circuit induces a measurement error; however, it does
and Part III, respectively.
not have any effect on VOUT accuracy.
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com