Electronic Components Datasheet Search
  English  ▼

X  

TMDS261B Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS261B
Description  TWO-PORT HDMI SWITCH
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS261B Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMDS261B Datasheet HTML 35Page - Texas Instruments TMDS261B Datasheet HTML 36Page - Texas Instruments TMDS261B Datasheet HTML 37Page - Texas Instruments TMDS261B Datasheet HTML 38Page - Texas Instruments TMDS261B Datasheet HTML 39Page - Texas Instruments TMDS261B Datasheet HTML 40Page - Texas Instruments TMDS261B Datasheet HTML 41Page - Texas Instruments TMDS261B Datasheet HTML 42Page - Texas Instruments TMDS261B Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
TMDS261B
www.ti.com
SLLS987A
– SEPTEMBER 2009 – REVISED JULY 2011
Data is the register address or register data to be written
Step 7
8
I2C acknowledge (slave)
A
Step 8
0
I2C stop (master)
P
An example of the proper bit control for selecting port 2 is:
Step 4: 0000 0001
Step 6: 1001 0000
EXAMPLE
– READING FROM THE TMDS261B
The read operation consists of two phases. The first phase is the address phase. In this phase, an I2C master
initiates a write operation to the TMDS261B by generating a start condition (S) followed by the TMDS261B I2C
address, in MSB-first bit order, followed by a 0 to indicate a write cycle. After receiving acknowledges from the
TMDS261B, the master presents the subaddress of the register to be read. After the cycle is acknowledged (A),
the master may optionally terminate the cycle by generating a stop condition (P).
The second phase is the data phase. In this phase, an I2C master initiates a read operation to the TMDS261B by
generating a start condition followed by the TMDS261B I2C address (as shown following for a read operation), in
MSB first bit order, followed by a 1 to indicate a read cycle. After an acknowledge from the TMDS261B, the I2C
master receives one byte of data from the TMDS261B. The master can continue receiving data byes by issuing
an acknowledge after each byte read (steps 10, 11). After the last data byte has been transferred from the
TMDS261B to the master, the master generates a not-acknowledge followed by a stop.
TMDS261B Read Phase 1
Step 1
0
I2C start (master)
S
Step 2
7
6
5
4
3
2
1
0
I2C general address (master)
0
1
0
1
1
0
0
0
Step 3
8
I2C acknowledge (slave)
A
Step 4
7
6
5
4
3
2
1
0
I2C write sink logic address (master)
0
0
0
0
Addr
Addr
Addr
Addr
Where Addr is determined by the values shown in Table 7.
Step 5
8
I2C acknowledge (slave)
A
Step 6
0
I2C stop (master)
P
Step 6 is optional.
TMDS261B Read Phase 2
Step 7
0
I2C start (master)
S
Copyright
© 2009–2011, Texas Instruments Incorporated
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com