Electronic Components Datasheet Search
  English  ▼

X  

MCP79520 Datasheet(PDF) 26 Page - Micro Analog systems

Part # MCP79520
Description  3V SPI Real-Time Clock Calendar with Battery Switchover
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MCP79520 Datasheet(HTML) 26 Page - Micro Analog systems

Back Button MCP79520 Datasheet HTML 22Page - Micro Analog systems MCP79520 Datasheet HTML 23Page - Micro Analog systems MCP79520 Datasheet HTML 24Page - Micro Analog systems MCP79520 Datasheet HTML 25Page - Micro Analog systems MCP79520 Datasheet HTML 26Page - Micro Analog systems MCP79520 Datasheet HTML 27Page - Micro Analog systems MCP79520 Datasheet HTML 28Page - Micro Analog systems MCP79520 Datasheet HTML 29Page - Micro Analog systems MCP79520 Datasheet HTML 30Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
MCP7952X/MCP7951X
DS22300A-page 26
Preliminary
 2012 Microchip Technology Inc.
9.1
Features
9.1.1
CALIBRATION
The Calibration register (0x09h) allows a number of
RTCC counts to be added or subtracted (CALSGN bit
located at 0x03:7) each minute. This allows for
calibration to reduce the PPM error due to oscillator
shift. This register is volatile.
The CALSGN bit determines if calibration is positive or
negative.
A value of 0x00 in the Calibration register will result in
no calibration.
The calibration is linear, with one bit representing two
RTC clocks.
The MCP795XX utilizes digital calibration to correct for
the inaccuracies of the input clock source (either
external or crystal). Calibration is enabled by setting
the value of the Calibration register at address 08H.
Calibration is achieved by adding or subtracting a
number of input clock cycles per minute in order to
achieve ppm level adjustments in the internal timing
function of the MCP795XX.
The CALSGN bit is the calibration sign bit, with a ‘1’
indicating subtraction and a ‘0’ indicating addition. The
eight bits in the Calibration register indicate the
number of input clock cycles (multiplied by two) that
are subtracted or added per minute to the internal
timing function.
The internal timing function can be monitored using
the MFP output pin by setting bit 6 (SQWE) and bits
<2:0> (RS2, RS1, RS0) of the Control register at
address 07H. Note that the MFP output waveform is
disabled when the MCP795XX is running in VBAT
mode. With the SQWE bit set to ‘1’, there are two
methods that can be used to observe the internal
timing function of the MCP795XX:
Method 1. RS2 bit set to ‘0’
With the RS2 bit set to ‘0’, the RS1 and RS0 bits
enable the following internal timing signals to be
output on the MFP pin:
The frequencies listed in the table presume an input
clock source of exactly 32.768 kHz. In terms of the
equivalent number of input clock cycles, the table
becomes:
With regards to the calibration function, the Calibration
register setting has no impact upon the MFP output
clock signal when bits RS1 and RS0 are set to ‘11’.
The setting of the Calibration register to a non-zero
value enables the calibration function which can be
observed on the MFP output pin. The calibration
function can be expressed in terms of the number of
input clock cycles added/subtracted from the internal
timing function.
With bits RS1 and RS0 set to ‘00’, the calibration
function can be expressed as:
Since the calibration is done once per minute (i.e.,
when the internal minute counter is incremented), only
one cycle in sixty of the MFP output waveform is
affected by the calibration setting. Also note that the
duty cycle of the MFP output waveform will not
necessarily be at 50% when the calibration setting is
applied.
With bits RS1 and RS0 set to ‘01’ or ‘10’, the
calibration function can not be expressed in terms of
the input clock period. In the case where the MSB of
the Calibration register is set to ‘0’, the waveform
appearing at the MFP output pin will be “delayed”, once
per minute, by twice the number of input clock cycles
defined in the Calibration register. The MFP waveform
will appear as shown in Figure 9-1.
RS2
RS1
RS0
Output Signal
00
0
1 Hz
00
1
4.096 kHz
01
0
8.192 kHz
01
1
32.768 kHz
RS2
RS1
RS0
Output Signal
00
0
32768
00
1
8
01
0
4
01
1
1
Toutput
=
(32768 +/- (2 * CALREG)) Tinput
where:
Toutput
=
clock period of MFP output signal
Tinput
=
clock period of input signal
CALREG
=
decimal value of Calibration
register setting and the sign is
determined by the CALSGN bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com