Electronic Components Datasheet Search
  English  ▼

X  

MCP79522 Datasheet(PDF) 15 Page - Micro Analog systems

Part # MCP79522
Description  3V SPI Real-Time Clock Calendar with Battery Switchover
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MCP79522 Datasheet(HTML) 15 Page - Micro Analog systems

Back Button MCP79522 Datasheet HTML 11Page - Micro Analog systems MCP79522 Datasheet HTML 12Page - Micro Analog systems MCP79522 Datasheet HTML 13Page - Micro Analog systems MCP79522 Datasheet HTML 14Page - Micro Analog systems MCP79522 Datasheet HTML 15Page - Micro Analog systems MCP79522 Datasheet HTML 16Page - Micro Analog systems MCP79522 Datasheet HTML 17Page - Micro Analog systems MCP79522 Datasheet HTML 18Page - Micro Analog systems MCP79522 Datasheet HTML 19Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
 2012 Microchip Technology Inc.
Preliminary
DS22300A-page 15
MCP7952X/MCP7951X
REGISTER 5-9:
CONTROL REG 0X08
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
OUT
SQWE
ALM1
ALM0
EXTOSC
RS2
RS1
RS0
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
bit 7
OUT: Output Polarity of MFP bit
This bit sets the logic level on the MFP pin when not using this as a square wave output.
bit 6
SQWE: Squarewave Enable bit
Setting this bit enables the divided output from the crystal oscillator.
bit 5-4
ALM<1:0>: Alarm Configuration bits
These bits determine which alarms are active
- 00 – No Alarms are active
- 01 – Alarm 0 is active
- 10 – Alarm 1 is active
- 11 – Both Alarms are active
bit 3
EXTOSC: External Oscillator Input bit
Enable bit. Setting this bit will allow an external 32.768 kHz signal to drive the RTCC registers,
eliminating the need for an external crystal.
bit 2-0
RS<2:0>: Calibration Mode bits
Sets the internal divider for the 32.768 kHz oscillator to be driven to the MFP pin. The following
frequencies are available. The output is responsive to the Calibration register.
- 000 – 1 Hz
- 001 – 4.096 kHz
- 010 – 8.192 kHz
- 011 – 32.768 kHz
- 1XX – enables the Cal output function. Cal output appears on MFP if SQWE is set (1 Hz
nominal).
Note 1:
When RS2 is set to enable the Cal output function, the RTCC counters will continue to increment.
REGISTER 5-10:
CALIBRATION 0X09
R/W
CALIBRATION
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
bit 7-0
CALIBRATION VALUE<7:0>: Calibration Value bits
Note 1:
This is an 8-bit register that is used to add or subtract clocks from the RTCC counter every minute. The
CALSGN (0x03:7) is the sign bit and indicates if the count should be added or subtracted. The 8 bits in the
Calibration register, with each bit adding or subtracting two clocks, gives the user the ability to add or sub-
tract up to 510 clocks per minute.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com