Electronic Components Datasheet Search
  English  ▼

X  

SN75LBC180DR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75LBC180DR
Description  LOW-POWER RS-485 LINE DRIVER AND RECEIVER PAIRS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LBC180DR Datasheet(HTML) 2 Page - Texas Instruments

  SN75LBC180DR Datasheet HTML 1Page - Texas Instruments SN75LBC180DR Datasheet HTML 2Page - Texas Instruments SN75LBC180DR Datasheet HTML 3Page - Texas Instruments SN75LBC180DR Datasheet HTML 4Page - Texas Instruments SN75LBC180DR Datasheet HTML 5Page - Texas Instruments SN75LBC180DR Datasheet HTML 6Page - Texas Instruments SN75LBC180DR Datasheet HTML 7Page - Texas Instruments SN75LBC180DR Datasheet HTML 8Page - Texas Instruments SN75LBC180DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
DESCRIPTION (CONTINUED)
SN55LBC180
SN65LBC180
SN75LBC180
SLLS174G – FEBRUARY 1994 – REVISED APRIL 2009................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
The SN55LBC180, SN65LBC180 and SN75LBC180 combine a differential line driver and receiver with 3-state
outputs and operate from a single 5-V supply. The driver and receiver have active-high and active-low enables,
respectively, which can be externally connected to function as a direction control. The driver differential outputs
and the receiver differential inputs are connected to separate terminals for full-duplex operation and are designed
to present minimum loading to the bus whether disabled or powered off (VCC = 0). These parts feature a wide
common-mode voltage range making them suitable for point-to-point or multipoint data-bus applications.
The devices also provide positive and negative output-current limiting and thermal shutdown for protection from
line fault conditions. The line driver shuts down at a junction temperature of approximately 172°C.
The SN75LBC180 is characterized for operation over the commercial temperature range of 0°C to 70°C. The
SN65LBC180 is characterized over the industrial temperature range of –40°C to 85°C.
The SN55LBC180 is characterized for operation over the military temperature range of –55°C to 125°C.
FUNCTION TABLES(1)
DRIVER
INPUT
ENABLE
OUTPUTS
D
DE
Y
Z
H
H
H
L
L
H
L
H
X
L
Z
Z
RECEIVER
DIFFERENTIAL INPUTS
ENABLE
OUTPUT
A–B
RE
R
VID ≥ 0.2 V
L
H
–0.2 V < VID < 0.2 V
L
?
VID ≤ –0.2 V
L
L
X
H
Z
Open circuit
L
H
(1)
H = high level, L = low level, ? = Indeterminate, X = irrelevant,
Z = high impedance (off)
2
Submit Documentation Feedback
Copyright © 1994–2009, Texas Instruments Incorporated
Product Folder Link(s): SN55LBC180 SN65LBC180 SN75LBC180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com