Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS2124 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS2124
Description  TMS570LSxxx4 16/32-Bit RISC Flash Microcontroller
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS2124 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS570LS2124 Datasheet HTML 3Page - Texas Instruments TMS570LS2124 Datasheet HTML 4Page - Texas Instruments TMS570LS2124 Datasheet HTML 5Page - Texas Instruments TMS570LS2124 Datasheet HTML 6Page - Texas Instruments TMS570LS2124 Datasheet HTML 7Page - Texas Instruments TMS570LS2124 Datasheet HTML 8Page - Texas Instruments TMS570LS2124 Datasheet HTML 9Page - Texas Instruments TMS570LS2124 Datasheet HTML 10Page - Texas Instruments TMS570LS2124 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 155 page
background image
FullPart#
TMS
570
LS
31
3
4
A ZWT
Q
Q1
R
OrderablePart#
TMX
570
31
3
4
A ZWT
Q
Q1
R
Prefix: TM
TMS=FullyQualified
TMP =Prototype
TMX=Samples
Core Technology:
570=CortexR4F
Architecture:
LS=DualCPUsinLockstep
(notincludedinorderablepart#)
FlashMemorySize:
31=3MB
21=2MB
RAMMemorySize:
3=256kB
2=192kB
PeripheralSet:
4=NoFlexRay,noEthernet
DieRevision:
Blank=InitialDie
A =1stDieRevision
Package Type:
ZWT =337BGA Package
PGE=144PinPackage
TemperatureRange:
Q=-40...+125 C
o
QualityDesignator:
Q1= Automotive
ShippingOptions:
R= TapeandReel
TMS570LS3134
TMS570LS2134
TMS570LS2124
www.ti.com
SPNS165
– SEPTEMBER 2011
1.1
Device Configuration
1.1.1
Device and Development-Support Tool Nomenclature
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers of all
devices and support tools. Each commercial family member has one of three prefixes: TMX, TMP, or TMS
(e.g.,TMS570LS3137U). Texas Instruments recommends two of three possible prefix designators for its
support tools: TMDX and TMDS. These prefixes represent evolutionary stages of product development
from engineering prototypes (TMX/TMDX) through fully qualified production devices/tools (TMS/TMDS).
The figure below illustrates the numbering and symbol nomenclature for the TMS570LSxxx4 .
Figure 1-1. TMS570LSxxx4 Device Numbering Conventions
Copyright
© 2011, Texas Instruments Incorporated
Contents
7
Submit Documentation Feedback
focus.ti.com: TMS570LS3134 TMS570LS2134 TMS570LS2124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com