Electronic Components Datasheet Search
  English  ▼

X  

SLTS060A Datasheet(PDF) 2 Page - Texas Instruments

Part # SLTS060A
Description  12V 2 Amp Positive Step-Down Integrated Switching Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLTS060A Datasheet(HTML) 2 Page - Texas Instruments

  SLTS060A Datasheet HTML 1Page - Texas Instruments SLTS060A Datasheet HTML 2Page - Texas Instruments SLTS060A Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Typical Characteristics
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
16
18
20
22
24
26
28
Note 1:
All data listed in the above graphs, except for derating data, has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Note 2:
Thermal derating graphs are developed in free air convection cooling of 40-60 LFM. (See Thermal Application Notes.)
PT78ST212 12.0 VDC
(See Note 1)
Efficiency vs Output Current
Ripple vs Output Current
Thermal Derating (Ta)
(See Note 2)
Power Dissipation vs Output Current
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Vin-(Volts)
45°C
65°C
55°C
0
20
40
60
80
100
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
28.0V
24.0V
21.0V
18.0V
16.0V
Vin
0
0.5
1
1.5
2
2.5
3
3.5
0
0.5
1
1.5
2
28.0V
24.0V
21.0V
18.0V
16.0V
Vin
‘
40
50
60
70
80
90
100
00.5
11.5
2
16.0V
18.0V
21.0V
24.0V
28.0V
Vin
12V 2 Amp Positive Step-Down
Integrated Switching Regulator
PT78ST200 Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com