Electronic Components Datasheet Search
  English  ▼

X  

PT4303 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT4303
Description  3-7 Watt 48V-Input Isolated DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT4303 Datasheet(HTML) 1 Page - Texas Instruments

  PT4303 Datasheet HTML 1Page - Texas Instruments PT4303 Datasheet HTML 2Page - Texas Instruments PT4303 Datasheet HTML 3Page - Texas Instruments PT4303 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT42/4300 Series
• Wide Input Voltage Range: 38V to 72V
• 83% Efficiency
• 1,500 VDC Isolation
• 18 Pin DIP Package
• 3.5 Million Hour MTBF
• Meets FCC/EN55022 Class A
• UL and CSA approved
• No External Components Required
• Adjustable Output Voltage
The PT4200 series of isolated DC/DC
converters advance the state-of-the-art for
board-mounted converters by employing
high switching frequencies, thick-film technol-
ogy and a high degree of silicon integration.
The high reliability and very low package
height makes these converters ideal for
Telecom and Datacom applications requiring
input-to-output isolation with board spacing
down to 0.6”.
The PT4200 series is offered in a unique
molded through-hole or SMD-DIP package
with single output voltages of 2V, 3.3V, 5V,
and 12V, dual outputs of ±5V, +5V/+3.3V, and
±12V.
Ordering Information
Through-Hole
PT4201A = 2V/1.5A
PT4202A = 3.3V/1.5A
PT4203A = 5V/1.2A
PT4204A = 12V/0.6A
PT4301A = ±5V/1A
PT4302A = +5.2V/1A,
+3.3V/1A
PT4303A = ±12V/0.25A
Surface Mount
PT4201C = 2V/1.5A
PT4202C = 3.3V/1.5A
PT4203C = 5V/1.2A
PT4204C = 12V/0.6A
PT4301C = ±5V/1A
PT4302C = +5.2V/1A,
+3.3V/1A
PT4303C = ±12V/0.25A
Pin-Out Information
Pin
Function
1Vout1
2Vout return
3Vout2 or N/C
4
Do not connect
5
Do not connect
6
Do not connect
7
Do not connect
8*
Vadj
9*
Nominal output
voltage resistor
10
Turn-on/off input
voltage adjust
11
Remote on/off
12
Do not connect
13
Do not connect
14
Do not connect
15
Do not connect
16
Do not connect
17
-Vin
18
+Vin
* Please note that when the Vout
adjust is not used, pin 8 must be
connected to pin 9.
3-7 Watt 48V-Input
Isolated DC/DC Converter
(For dimensions and PC
board layout, see Package
Style 900.)
PT42/4300
18
17
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
9
+Vin
-Vin
NC
RC
TOA
+Vout1
-Vout
+Vout2 or NC
NC
Vadj
NOR
Package (Top View)
SLTS023B
(Revised 1/3/2002)
Specifications
Characteristics
PT42/4300 SERIES
(T
a = 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
Vo = 2V, 3.3V
0
—
1.5
A
Vo = 5V
0
—
1.2
A
Vo = 12V
0
—
0.6
A
Current Limit
Icl
Vin = 48V
Vo = 2V
2.0
—
3.3
A
Vo = 3.3V
1.7
—
3.3
A
Vo = 5V
1.4
—
2.4
A
Vo = 12V
0.7
—
1.2
A
On/Off Standby Current
Iin standby
Vin = 48V, Pin 11 = -Vin
—
0.5
—
mA
Short Circuit Current
Isc
Vin = 48V
Vo = 2V
—
2.8
—
A
Vo = 3.3V
—
2.4
—
A
Vo = 5V
—
1.9
—
A
Vo = 12V
—
1.2
—
A
Inrush Current
Iir
Vin = 48V @ max Io
—
0.6
1.0
A
tir
On start-up
—
1.0
5.0
mSec
Input Voltage Range
Vin
Over Io Range
38 (1)
48
72
V
Output Voltage Tolerance
∆V
o
Over Io Range
—
±4
—
%Vo
Idling Voltage
Vo
Io = 0A
Vo = 2V
—
2.7
3.0
V
Vo = 3.3V
—
3.65
4.0
V
Vo = 5V
—
5.6
6.0
V
Vo = 12V
—
14.3
17
V
Ripple Rejection
RR
Over Vin range @ 120 Hz
—
60
—
dB
Line Regulation
Regline
Over Vin range @ max Io
—
±0.5
—
%Vo
Load Regulation
Regload
10% to 100% of Io max
—
±3
—
%Vo
Vo Ripple/Noise
Vn
Vin= 48V, Io=Io max
—
3070mVpp
Transient Response
ttr
50% load change
—
100
300
µSec
Vo over/undershoot
—
3.0
5.0
%Vo
Efficiency
η
Vin=48V, Io=1.5A, Vo=2V
—
73
—
%
Vin=48V, Io=1.5A, Vo=3.3V
—
79
—
%
Vin=48V, Io=1.2A, Vo=5V
—
80
—
%
Vin=48V, Io=0.6A, Vo=12V
—
83
—
%
Switching Frequency
ƒo
Over Vin and Io
—
485
—
kHz
Operating Temperature
Ta
Vin = 48V @ max Io
-40
—
+85
°C
Free air convection, (40-60LFM)
Pin Temperature
Tp
@ Pin1
—
—
95
°C
Storage Temperature
Ts
—
-55
—
+125
°C
Mechanical Shock
—
Per Mil-STD-202F, Method 213B,
—50
—
G’s
6mS half-sine, mounted to a PCB
Mechanical Vibration
—
Per Mil-STD-202F, Method 204D,
—10
—
G’s
10-500Hz, mounted to a PCB
Weight
—
—
—
20
—
grams
Isolation
—
—
1500
—
—
VDC
Flammability
—
Materials meet UL 94V-0
Notes: (1) The minimum input voltage is adjustable. See the specific application note on the PT4200/4205/4300 Series.


Similar Part No. - PT4303

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT4303 PTC-PT4303 Datasheet
229Kb / 4P
Low Power Super-heterodyne OOK/ASK Receiver
PT4303-S PTC-PT4303-S Datasheet
229Kb / 4P
Low Power Super-heterodyne OOK/ASK Receiver
logo
Texas Instruments
PT4303A TI-PT4303A Datasheet
215Kb / 3P
3-7 WATT 48V INPUT ISOLATED DC-DC CONVERTER
PT4303C TI-PT4303C Datasheet
215Kb / 3P
3-7 WATT 48V INPUT ISOLATED DC-DC CONVERTER
More results

Similar Description - PT4303

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT3100-48V TI-PT3100-48V Datasheet
197Kb / 3P
15 WATT 48V TO 5V/12V/15V ISOLATED DC-DC CONVERTER
PT4100-48V TI-PT4100-48V Datasheet
194Kb / 3P
48V 15 WATT ISOLATED DC-DC CONVERTER
PT4200 TI-PT4200 Datasheet
215Kb / 3P
3-7 WATT 48V INPUT ISOLATED DC-DC CONVERTER
PT4205 TI-PT4205 Datasheet
187Kb / 3P
3-7 WATT 24V INPUT ISOLATED DC-DC CONVERTER
PT4220 TI-PT4220 Datasheet
193Kb / 8P
10-W Low-Profile 48V-Input Isolated DC/DC Converter
PT4212 TI-PT4212 Datasheet
211Kb / 5P
5-7 Watt Low-Profile Isolated DC-DC Converter
PT4210 TI1-PT4210 Datasheet
424Kb / 6P
5-7 Watt Low-Profile Isolated DC-DC Converter
logo
CINCON ELECTRONICS Corp...
CHB200W12 CINCON-CHB200W12 Datasheet
749Kb / 8P
200 WATT 12:1 INPUT ISOLATED DC-DC CONVERTER
EC7BW18-72S05 CINCON-EC7BW18-72S05 Datasheet
737Kb / 8P
20 WATT 18:1 INPUT ISOLATED DC-DC CONVERTER
CQB75-300S CINCON-CQB75-300S Datasheet
400Kb / 8P
75 WATT 2:1 INPUT ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com