Electronic Components Datasheet Search
  English  ▼

X  

SNC688 Datasheet(PDF) 5 Page - SONiX Technology Company

Part # SNC688
Description  4-Channel Speech Controller?
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC688 Datasheet(HTML) 5 Page - SONiX Technology Company

  SNC688 Datasheet HTML 1Page - SONiX Technology Company SNC688 Datasheet HTML 2Page - SONiX Technology Company SNC688 Datasheet HTML 3Page - SONiX Technology Company SNC688 Datasheet HTML 4Page - SONiX Technology Company SNC688 Datasheet HTML 5Page - SONiX Technology Company SNC688 Datasheet HTML 6Page - SONiX Technology Company SNC688 Datasheet HTML 7Page - SONiX Technology Company SNC688 Datasheet HTML 8Page - SONiX Technology Company SNC688 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SNC688
4-Channel Speech Controller
5. FUNCTION DESCRIPTIONS
5.1 Oscillator
SNC688 accepts crystal oscillator / ceramic resonator or RC type oscillator (selected
by pin CKSEL) for system clock. The typical circuit diagrams for oscillator are listed as
follows.
CKS EL
VDD
XOUT/ROS C
XIN
CKS EL
XOUT/ROS C
XIN
100K
SNC 688
SNC 688
8MHZ Crystal
8M Rosc
5.2 ROM
SNC688 contains 184K words (12-bit) internal ROM. Program, voices, melodies, data,
and instrument waveforms share the same ROM with the others.
5.3 RAM
SNC688 contains 256 nibble RAM. The 256 nibble RAM is separated into four pages
(page 0, page1, page2 and page 3). An implicit page indicator is utilized to specify
page address. Four instructions, PAGE0, PAGE1, PAGE2 and PAGE3, can switch
the page indicator. All 64 nibbles of each page can be accessed by direct mode (to
specify M0 ~ M63 in the data transfer type instructions.)
5.4 Power Down Mode
“End” instruction will let SNC688 enter power down mode and consumer very little
amount of current. (<3uA @VDD=3V and <5uA @VDD=5V) After SNC688 enters
power down mode, any valid data transition (L H or H L) occurring on any IO ports
(P1 to P6) lead SNC688 back to normal operation mode.
5.5 Sampling Rate Counters
4 independent sampling rate counters are dedicated to 4 individual voice channels to
play voices with different playing rates. The playing rate is programmable from 4KHz
to 40KHz. The resolution of sampling period of each sampling rate counter is 0.25 uS.
This feature helps SNC688 play sounds with accurate pitches in the case of music
instrument synthesis.
Ver: 1.2
August 26, 2003
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com