Electronic Components Datasheet Search
  English  ▼

X  

G3VM Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G3VM
Description  G3VM Series MOS FET Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM Datasheet(HTML) 1 Page - Omron Electronics LLC

  G3VM Datasheet HTML 1Page - Omron Electronics LLC G3VM Datasheet HTML 2Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lowest CxR relay ¬ 2.5pF•
Ω
Smallest SSOP MOS FET Relay in the world
Fully RoHS compliant
G3VM Series MOS FET Relays
Electronic Components
An Experienced Partner
With over 70 years experience and
5.5 billion US dollars in sales, Omron
is one of the world’s largest suppliers
of electronic controls and compo-
nents. Our extensive investment in
research, and our commitment to
developing innovative products based
on the latest technologies has estab-
lished our position as a global market
leader.
Quality First: Our
Commitment, Your Benefit
Omron Quality is a mandate, not an
option. We 100% test each product
and examine every physical, mechani-
cal, and electrical parameter on the
manufacturing line before it leaves
the factory. All products are fully
RoHS compliant.
World Recognized
Flexibility and Support
Omron offers over 300,000 products,
product customization, and co-devel-
opment options. We also provide a
complete network of global and local
sales and technical support to assist
you from design to delivery.
Omron Electronic Components: The Quality, Flexibility and Global Support You Need
For More Detailed Information...
Visit Us Online: www.components.omron.com
• Browse Omron’s full range of Product information and selection guides.
• Download PDF’s — datasheets, brochures, and more.
• Find Omron solutions for competitive products.
• Locate a Distributor and search for available inventory.
Call Us:
1-847-882-2288 Monday through Friday,
7:30 a.m. to 6:00 p.m. Central Time (CT)
Email Us:
components@omron.com
REQUIRED PRECAUTIONS
It is the buyer’s sole responsibility to ensure that any omron product is fit and sufficient for use in a motorized vehicle application. Buyer shall be solely responsible for determining
appropriateness of the particular product with respect to the buyer’s application, end product, or system. Buyer shall take the application responsibility in all cases, but the following is a
non-exhaustive list of applications for which particular attention must be given:
(i)
Outdoor use; uses involving potential chemical contamination or electrical interference, or conditions or uses not described in this document.
(ii)
Use in consumer products or any use in significant quantities.
(iii)
Energy control systems, combustion systems, railroad systems, aviation systems, medical equipment, amusement machines, vehicles, safety equipment, and installations subject
to separate industry or government regulations.
(iv)
Systems, machines, and equipment that could present a risk to life or property.
Never use the product for an application involving serious risk to life or property or in large quantities without ensuring that the end product as a whole has been designed to address
relevant risks, and that the omron product is properly rated and installed for its intended use.
www.components.omron.com/G3VM.shtm
OMRON ELECTRONIC COMPONENTS LLC
North and South America
55 Commerce Drive
Schaumburg, IL 60173 U.S.A.
Omron
lowers the bar by having the lowest CxR in the industry
50 Relays actual size
Omron_MosFet_Bro_v8.indd 2-3
4/27/07 3:50:59 PM


Similar Part No. - G3VM

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM OMRON-G3VM Datasheet
1Mb / 21P
Electronic Components Master Selection Guide
G3VM-101AR OMRON-G3VM-101AR Datasheet
591Kb / 4P
MOS FET Relays G3VM-101AR/DR
G3VM-101BR OMRON-G3VM-101BR Datasheet
506Kb / 3P
Compact, General-purpose, Analog-switching MOS FET Relays, with 2-A Switching.
G3VM-101BR OMRON-G3VM-101BR Datasheet
653Kb / 9P
MOS FET Relays DIP 6-pin, High-current and Low-ON-resistance Type
G3VM-101BR1 OMRON-G3VM-101BR1 Datasheet
653Kb / 9P
MOS FET Relays DIP 6-pin, High-current and Low-ON-resistance Type
More results

Similar Description - G3VM

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM-21GR1 OMRON-G3VM-21GR1_1 Datasheet
362Kb / 6P
MOS FET Relays
G3VM-21LR10 OMRON-G3VM-21LR10 Datasheet
305Kb / 6P
MOS FET RELAYS
G3VM-41GR3 OMRON-G3VM-41GR3 Datasheet
367Kb / 6P
MOS FET Relays
G3VM-41GR4 OMRON-G3VM-41GR4 Datasheet
367Kb / 6P
MOS FET Relays
G3VM-41GR8 OMRON-G3VM-41GR8 Datasheet
334Kb / 6P
MOS FET Relays
G3VM-41HR OMRON-G3VM-41HR Datasheet
89Kb / 2P
MOS FET Relays
G3VM-81LR_1012 OMRON-G3VM-81LR_1012 Datasheet
258Kb / 4P
MOS FET Relays
G3VM-101HR OMRON-G3VM-101HR Datasheet
101Kb / 2P
MOS FET Relays
G3VM-401G OMRON-G3VM-401G_10 Datasheet
288Kb / 4P
MOS FET Relays
G3VM-101AR OMRON-G3VM-101AR Datasheet
591Kb / 4P
MOS FET Relays G3VM-101AR/DR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com