Electronic Components Datasheet Search
  English  ▼

X  

G3VM-101LR Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G3VM-101LR
Description  MOS FET Relay Selection Guide
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM-101LR Datasheet(HTML) 2 Page - Omron Electronics LLC

  G3VM-101LR Datasheet HTML 1Page - Omron Electronics LLC G3VM-101LR Datasheet HTML 2Page - Omron Electronics LLC G3VM-101LR Datasheet HTML 3Page - Omron Electronics LLC G3VM-101LR Datasheet HTML 4Page - Omron Electronics LLC G3VM-101LR Datasheet HTML 5Page - Omron Electronics LLC G3VM-101LR Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
6
MOS FET Relay
Selection Guide
■ Normally Open Relays
■ Normally Open Current-limiting Relays
Load voltage
20 V
40 V
60 V
80 V
100 V
Number of terminals
4
6
4
4
6
4
6
4
SPST-NO
Through
hole
G3VM-61A1
G3VM-61B1
G3VM-61BR
SMT
G3VM-61D1
G3VM-61E1
G3VM-61ER
SOP
G3VM-21GR
G3VM-21GR1
G3VM-21HR
G3VM-41GR3
G3VM-41GR4
G3VM-41GR5
G3VM-41GR6
G3VM-41GR7
G3VM-41GR8
G3VM-61G1
G3VM-61G2
G3VM-61GR1
G3VM-61H1
G3VM-81G1
G3VM-81GR
G3VM-81GR1
G3VM-81HR
SSOP
G3VM-21LR
G3VM-21LR1
G3VM-21LR10
G3VM-21LR11
G3VM-41LR3
G3VM-41LR4
G3VM-41LR5
G3VM-41LR6
G3VM-41LR10
G3VM-41LR11
G3VM-61LR
G3VM-81LR
G3VM-101LR
Load voltage
200 V
350V
400 V
600 V
Number of terminals
4
6
4
6
4
6
4
6
SPST-NO
Through
hole
G3VM-351A
G3VM-351B
G3VM-401A
G3VM-401B
G3VM-401BY
G3VM-601BY
SMT
G3VM-351D
G3VM-351E
G3VM-401D
G3VM-401E
G3VM-401EY
G3VM-601EY
SOP
G3VM-S5
G3VM-201G
G3VM-201G1
G3VM-201H1
G3VM-351G
G3VM-351G1
G3VM-351H
G3VM-401G
G3VM-401H
G3VM-601G
Load voltage
60 V
200 V
350 V
400 V
Number of terminals
8
8
8
8
DPST-NO
Through
hole
G3VM-62C1
G3VM-352C
G3VM-402C
SMT
G3VM-62F1
G3VM-352F
G3VM-402F
SOP
G3VM-62J1
G3VM-202J1
G3VM-352J
G3VM-402J
Load voltage
350 V
Load voltage
350 V
Number of terminals
4
Number of terminals
8
SPST-NO
Through
hole
G3VM-2L
DPST-NO
Through
hole
G3VM-WL
SMT
G3VM-2FL
SMT
G3VM-WFL
SOP
G3VM-351GL



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com