Electronic Components Datasheet Search
  English  ▼

X  

TPS65166RHAR Datasheet(PDF) 27 Page - Texas Instruments

Part # TPS65166RHAR
Description  Compact LCD Bias Supply for TFT-LCD TV Panels
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65166RHAR Datasheet(HTML) 27 Page - Texas Instruments

Back Button TPS65166RHAR Datasheet HTML 23Page - Texas Instruments TPS65166RHAR Datasheet HTML 24Page - Texas Instruments TPS65166RHAR Datasheet HTML 25Page - Texas Instruments TPS65166RHAR Datasheet HTML 26Page - Texas Instruments TPS65166RHAR Datasheet HTML 27Page - Texas Instruments TPS65166RHAR Datasheet HTML 28Page - Texas Instruments TPS65166RHAR Datasheet HTML 29Page - Texas Instruments TPS65166RHAR Datasheet HTML 30Page - Texas Instruments TPS65166RHAR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
NTC
B
2T
R18 = R
(T)
B + 2T
-
´
(28)
NTC
NTC||R18
NTC
R18
R
(T)
R
=
R18 + R
(T)
´
(29)
0kW
50kW
100kW
150kW
200kW
250kW
-20ºC
0ºC
20ºC
40ºC
60ºC
80ºC
0kW
5kW
10kW
15kW
20kW
25kW
30kW
-20ºC
0ºC
20ºC
40ºC
60ºC
80ºC
TS
logic
NTC||R18
NTC||R18
R19
R19
V
= V
= 3.3 V
R
+ R19
R
+ R19
´
´
(30)
OFFE
TS
logic
TS
TS
TS
R21
R21
V
= 2V
(V
2V
)
= 2V
(3.3V 2V
)
R20
R20
-
-
´
-
-
´
(31)
TPS65166
www.ti.com.......................................................................................................................................................................................... SLVS976 – SEPTEMBER 2009
The NTC termistor manufacturer provides the above parameters. Typically a 22k
Ω NTC is used. Table 9
provides a suggestion for NTCs.
Table 9. Negative Termistor Selection
RESISTANCE (25°C)
B CONSTANT
COMPONENT SUPPLIER
COMMENT
22k
Ω
3950 K
Murata, NCP18XW223E
±3%
22k
Ω
3800 K
Vishay, NTCS0805E3223FHT
±1%
22k
Ω
4554 K
TDK, NTCG164LH223HT
±3%
To linearize the resistance-temperature characteristic of the NTC termistor, a parallel resistor R18 is added. T is
the temperature at which the NTC characteristic curve is linearized. Typically T is located in the middle of the set
temperature range at which the VOFFE voltage should be adjusted. For example, if the temperature compensation
should start at 0°C and stop at 25°C T = 12.5°C + 273.15 K/°C = 285.65 K.
The resulting overall resistance RNTC||R18 can be calculated as follows.
Figure 29. Resistance-Temperature Characteristics NTC (22 k
Ω) and Linearized NTC Network at 12.5°C
To achieve different slopes, different R18 values are required. To obtain the most linear slope, the calculated
value has to be used. To achieve steeper slopes, higher values for R18 are necessary, smaller values produce
shallower slopes. By adjusting the resistor R19, the start and end point of the compensation can be set. The
voltage VTS of the resistor network at TS is calculated by the following equation:
Finally, the resulting output voltage, VOFFE, during the compensation period can be calculated as follows:
Figure 30 shows examples for VOFFE_min = –22V and VOFFE_max = –11V with different slopes and starting points of
the temperature compensation. For further compensation characteristics, refer to the available TPS65166
support excel sheet.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): TPS65166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com