Electronic Components Datasheet Search
  English  ▼

X  

TPS65232 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS65232
Description  TRIPLE BUCK POWER MANAGEMENT IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65232 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS65232 Datasheet HTML 17Page - Texas Instruments TPS65232 Datasheet HTML 18Page - Texas Instruments TPS65232 Datasheet HTML 19Page - Texas Instruments TPS65232 Datasheet HTML 20Page - Texas Instruments TPS65232 Datasheet HTML 21Page - Texas Instruments TPS65232 Datasheet HTML 22Page - Texas Instruments TPS65232 Datasheet HTML 23Page - Texas Instruments TPS65232 Datasheet HTML 24Page - Texas Instruments TPS65232 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Buck 1
Buck 2
Buck 3
TPS65232
12V
1.8V 3A
1.2V 3A
5.0V
L1
L2
L3
C1
C2
C3
C4
FDS6982
Buck 1
Buck 2
Buck 3
TPS65232
12V
1.0V 10A
3.3V 3A
L4
L5
L6
C5
C6
C7
CSD16409
5.0V 3A
1.5V 3A
CSD16323
TPS65232
www.ti.com
SLVSA42 – FEBRUARY 2010
Figure 6. Six Rail Power System Block Diagram
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TPS65232
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com