Electronic Components Datasheet Search
  English  ▼

X  

TPS65708 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65708
Description  PMU for Embedded Camera Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65708 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS65708 Datasheet HTML 11Page - Texas Instruments TPS65708 Datasheet HTML 12Page - Texas Instruments TPS65708 Datasheet HTML 13Page - Texas Instruments TPS65708 Datasheet HTML 14Page - Texas Instruments TPS65708 Datasheet HTML 15Page - Texas Instruments TPS65708 Datasheet HTML 16Page - Texas Instruments TPS65708 Datasheet HTML 17Page - Texas Instruments TPS65708 Datasheet HTML 18Page - Texas Instruments TPS65708 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
RMSC out
Vout
1
1
Vin
I
= Vout
L ×
2
3
f
-
´
´
´
Vout
1
1
Vin
Vout = Vout
+ ESR
L ×
8
Cout
f
f
-
æ
ö
´
´ ç
÷
´
´
è
ø
TPS65708
www.ti.com
SLVSAE1A
– OCTOBER 2010 – REVISED FEBRUARY 2011
Refer to Table 1 and the typical applications for possible inductors.
Table 1. Tested Inductors
Inductor type
Inductor Value
Supplier
BRC1608
1.5
µH
Taiyo Yuden
MLP2012
2.2
µH
TDK
MIPSA2520
2.2
µH
FDK
GLCR1608T1R5M-HC
1.5
µH
TDK
LQM21P
2.2
µH
Murata
Output Capacitor Selection
The advanced Fast Response voltage mode control scheme of the step-down converter allows the use of small
ceramic capacitors with a typical value of 10
µF, without having large output voltage under and overshoots during
heavy load transients. Ceramic capacitors having low ESR values result in lowest output voltage ripple and are
therefore recommended. For an inductor value of 1.5
µH or 2.2µH, an output capacitor with 10µF can be used.
See the recommended components.
If ceramic output capacitors are used, the capacitor RMS ripple current rating will always meet the application
requirements. Just for completeness the RMS ripple current is calculated as:
(3)
At nominal load currents, the inductive converters operate in PWM mode and the overall output voltage ripple is
the sum of the voltage spike caused by the output capacitor ESR plus the voltage ripple caused by charging and
discharging the output capacitor:
(4)
Where the highest output voltage ripple occurs at the highest input voltage Vin.
At light load currents, the converter operates in Power Save Mode and the output voltage ripple is dependent on
the output capacitor value. The output voltage ripple is set by the internal comparator delay and the external
capacitor. The typical output voltage ripple is less than 1% of the nominal output voltage.
Input Capacitor Selection
Because of the nature of the buck converter having a pulsating input current, a low ESR input capacitor is
required for best input voltage filtering and minimizing the interference with other circuits caused by high input
voltage spikes. The converters need a ceramic input capacitor of 10
μF. The input capacitor can be increased
without any limit for better input voltage filtering.
Table 2. Tested Capacitors
Type
value
Voltage rating
Size
Supplier
Material
GRM155R60G475ME47D
4.7
µF
4V
0402
Murata
Ceramic X5R
GRM155R60J225ME15D
2.2
µF
6.3V
0402
Murata
Ceramic X5R
GRM185R60J225
2.2
µF
6.3V
0603
Murata
Ceramic X5R
GRM188R60J475K
4.7
µF
6.3V
0603
Murata
Ceramic X5R
GRM188R60J106ME47D
10
µF
6.3V
0603
Murata
Ceramic X5R
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s) :TPS65708



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com