Electronic Components Datasheet Search
  English  ▼

X  

ELC11D2R2OF Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ELC11D2R2OF
Description  Pin terminal inductors featuring small size and high performance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELC11D2R2OF Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ELC11D2R2OF Datasheet HTML 1Page - Panasonic Semiconductor ELC11D2R2OF Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Choke Coils
– 206 –
10000
L(
µH)
10
50
100
500
1000
5000 10000
IDC(mA)
5000
1000
500
100
50
10
5
1
09D
16B
18B
10000
L(
µH)
5000
1000
500
100
50
10
5
1
10
50
100
500
1000
5000 10000
IDC(mA)
10E
12E
15E
18E
E
1
L
2
C
3
0
4
9
5
D
6
2
7
R
8
2
911
10
Product code
Style
Construction
Inductance
Packaging
Core size
Terminal board
or
Case size
Core
Core
Case
Terminal
Terminal
Core
Core
Terminal board
Terminal
Core (Magnetic Shielded)
Terminal board
Terminal
Taping
Other
D
Omission
E, F etc.
✽
✽
D
B
E
P
09
11
12
15
16
18
Direct terminal by wire
Design No.
■ Explanation of Part Numbers
■ Recommended Applications
● CTV, VCR, Audio, PC, Fax machines, PDP,
Home appliance
■ Features
● High - µ and High Bm cores
● Wide inductor range
● Magnetic shield type (E Type)
Pin terminal inductors featuring small size and high
performance
Choke Coils
Series:
Pin terminal
Type:
09D, 11D, 12D, 16B, 18B,
10E, 12E, 15E, 18E
■ Available I-L Characteristics
Type 09D
Type 11D
Type 12D
Type 16B
Type 18B
Type 10E–L
Type 12E–L
Type 15E–L
Type 18E–L
Sep. 2010
00
● RoHS compliant


Similar Part No. - ELC11D2R2OF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
Choke coils
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
136Kb / 7P
Choke Coils
More results

Similar Description - ELC11D2R2OF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1396A ONSEMI-NCP1396A Datasheet
441Kb / 27P
High Performance Resonant Mode Controller featuring High?뭭oltage Drivers
February, 2007 ??Rev. P0
NCP1396A ONSEMI-NCP1396A_10 Datasheet
506Kb / 25P
High Performance Resonant Mode Controller featuring High-Voltage Drivers
November, 2010 -- Rev. 7
logo
Rochester Electronics
EP1810GC-35 ROCHESTER-EP1810GC-35 Datasheet
1,003Kb / 9P
HIGH PERFORMANCE COMPLEX EPLD featuring up to 64 inputs and 48 outputs
logo
Panasonic Semiconductor
ELC09D2R2 PANASONIC-ELC09D2R2_12 Datasheet
144Kb / 6P
Choke Coils Pin terminal inductors featuring small size and high performance
logo
ON Semiconductor
NCP1396AP ONSEMI-NCP1396AP Datasheet
506Kb / 25P
High Performance Resonant Mode Controller featuring High--Voltage Drivers
November, 2010 -- Rev. 7
logo
Kemet Corporation
T488R227M004AAE2K0 KEMET-T488R227M004AAE2K0 Datasheet
845Kb / 14P
Small Case Size Substrate Terminal MnO2
logo
Panasonic Semiconductor
ERJ-8GEYJ102V PANASONIC-ERJ-8GEYJ102V Datasheet
84Kb / 2P
Small size and lightweight
ERJ-8GEYJ182V PANASONIC-ERJ-8GEYJ182V Datasheet
84Kb / 2P
Small size and lightweight
logo
List of Unclassifed Man...
VAF512 ETC2-VAF512 Datasheet
122Kb / 3P
Small and compact size
logo
Vanlong Technology Co.,...
AD-SERIES VANLONG-AD-SERIES Datasheet
48Kb / 1P
Small and light size
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com