Electronic Components Datasheet Search
  English  ▼

X  

STPS20M60ST Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS20M60ST
Description  Power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20M60ST Datasheet(HTML) 1 Page - STMicroelectronics

  STPS20M60ST Datasheet HTML 1Page - STMicroelectronics STPS20M60ST Datasheet HTML 2Page - STMicroelectronics STPS20M60ST Datasheet HTML 3Page - STMicroelectronics STPS20M60ST Datasheet HTML 4Page - STMicroelectronics STPS20M60ST Datasheet HTML 5Page - STMicroelectronics STPS20M60ST Datasheet HTML 6Page - STMicroelectronics STPS20M60ST Datasheet HTML 7Page - STMicroelectronics STPS20M60ST Datasheet HTML 8Page - STMicroelectronics STPS20M60ST Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
October 2011
Doc ID 019045 Rev 1
1/9
9
STPS20M60S
Power Schottky rectifier
Features
■ High current capability
■ Avalanche rated
■ Low forward voltage drop
■ High frequency operation
Description
The STPS20M60S is a single Schottky diode,
suited for high frequency switch mode power
supply.
Packaged in TO-220AB, I2PAK and D2PAK, this
device is intended to be used in notebook, game
station and desktop adapters, providing in these
aplications a good efficiency at both low and high
load.
Figure 1.
Electrical characteristics(a)
Table 1.
Device summary
Symbol
Value
IF(AV)
20 A
VRRM
60 V
VF (typ)
0.365 V
Tj (max)
150 °C
a.
VARM and IARM must respect the reverse safe
operating area defined in Figure 12. VAR and IAR are
pulse measurements (tp < 1 µs). VR, IR, VRRM and VF,
are static characteristics
A
A
K
K
A
A
K
K
A
A
K
TO-220AB
STPS20M60ST
I2PAK
STPS20M60SR
D2PAK
STPS20M60SG-TR
K
A
A
IF
2 x IO
IO
IR
IAR
VF(Io)
VTo
VF(2xIo)
VF
V
I
I
V
VR
VRRM
"Reverse"
"Forward"
VAR
X
X
www.st.com


Similar Part No. - STPS20M60ST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20M60 STMICROELECTRONICS-STPS20M60 Datasheet
94Kb / 7P
Power Schottky rectifier
02-Nov-2011
STPS20M60 STMICROELECTRONICS-STPS20M60 Datasheet
93Kb / 7P
Power Schottky rectifier
02-Nov-2011
STPS20M60C STMICROELECTRONICS-STPS20M60C Datasheet
120Kb / 10P
Power Schottky rectifier
14-Oct-2011
STPS20M60CG-TR STMICROELECTRONICS-STPS20M60CG-TR Datasheet
120Kb / 10P
Power Schottky rectifier
14-Oct-2011
STPS20M60CR STMICROELECTRONICS-STPS20M60CR Datasheet
120Kb / 10P
Power Schottky rectifier
14-Oct-2011
More results

Similar Description - STPS20M60ST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com