Electronic Components Datasheet Search
  English  ▼

X  

DB3 Datasheet(PDF) 1 Page - Shanghai Sunrise Electronics

Part # DB3
Description  BIDIRECTIONAL TRIGGER DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics

DB3 Datasheet(HTML) 1 Page - Shanghai Sunrise Electronics

  DB3 Datasheet HTML 1Page - Shanghai Sunrise Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SHANGHAI SUNRISE ELECTRONICS CO., LTD.
FEATURES
• VBO: 26 ~ 36V version
• Low breakover current
• High temperature soldering guaranteed:
250
oC/10S/9.5mm lead length
at 5 lbs tension
MECHANICAL DATA
• Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
• Case: Glass,hermetically sealed
• Mounting position: Any
MAXIMUM RATINGS AND CHARACTERISTICS
(Rating at 25
oC ambient temperature unless otherwise specified)
Min.
Typ.
Max.
Breakover Voltage *
C=22nF **
26
32
36
V
Breakover Voltage Symmetry
C=22nF **
-3
3
V
Dynamic Breakover Voltage *
(Note 1)
5
V
Output Voltage *
5
V
Breakover Current *
C=22nF **
100
µA
Rise Time *
1.5
µS
Leakage Current *
VR=0.5VBO
10
µA
Power Dissipation on Printed Circuit
Ta=65
oC
150
mW
Repetitive Peak on-state Current
tp=20
µS
f=100Hz
2A
Thermal
Junction to Ambient
400
Resistances
Junction to Lead
150
Operating Junction and Storage
Temperature Range
*
: Electrical characteristic applicable in forward and reverse directions.
**
: Connected in parallel with the devices.
Note:
1. IF from IBO to 10mA.
http://www.sse-diode.com
DB3
BIDIRECTIONAL
TRIGGER DIODE
BREAKOVER VOLTAGE: 32V
POWER: 150mW
RATINGS
TEST
CONDITION
SYMBOL
VALUE
UNITS
VBO
|+ VBO|-|-VBO|
|
∆V ± |
VO
IBO
tr
IB
Pd
ITRM
Rθ(ja)
oC/W
Rθ(jl)
TJ,TSTG
-40
125
oC
TECHNICAL
SPECIFICATION
DO - 35
Dimensions in inches and (millimeters)
1.0 (25.4)
MIN.
.018 (0.46)
.022 (0.56)
.120 (3.0)
.200 (5.1)
1.0 (25.4)
MIN.
DIA.
.060 (1.5)
.090 (2.3) DIA.


Similar Part No. - DB3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DB3 STMICROELECTRONICS-DB3 Datasheet
43Kb / 4P
TRIGGER DIODES
Apr-1995
logo
Shanghai Lunsure Electr...
DB3 CHENYI-DB3 Datasheet
108Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Dc Components
DB3 DCCOM-DB3 Datasheet
167Kb / 2P
TECHNICAL SPECIFICATIONS OF BIDIRECTIONAL DIODE THYRISTORS (DIACS)
logo
Hi-Sincerity Mocroelect...
DB3 HSMC-DB3 Datasheet
18Kb / 2P
TRIGGER DIODES
logo
Diotec Semiconductor
DB3 DIOTEC-DB3 Datasheet
251Kb / 2P
Bidirectional Si-Trigger-Diodes (DIAC)
More results

Similar Description - DB3

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
DB3 DIOTECH-DB3 Datasheet
1Mb / 3P
BIDIRECTIONAL TRIGGER DIODE
DB4 DIOTECH-DB4 Datasheet
1Mb / 3P
BIDIRECTIONAL TRIGGER DIODE
LLDB3 DIOTECH-LLDB3 Datasheet
1Mb / 3P
BIDIRECTIONAL TRIGGER DIODE
logo
Microdiode Semiconducto...
DB3 CHENDA-DB3 Datasheet
591Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
SMADB3 CHENDA-SMADB3 Datasheet
550Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
SODDB3 CHENDA-SODDB3 Datasheet
557Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
DB3 CHENDA-DB3_17 Datasheet
646Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
SODDB3 CHENDA-SODDB3_17 Datasheet
597Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
SMADB3 CHENDA-SMADB3_17 Datasheet
601Kb / 2P
BIDIRECTIONAL TRIGGER DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com