Electronic Components Datasheet Search
  English  ▼

X  

STD Datasheet(PDF) 13 Page - Texas Instruments

Part # STD
Description  a Phase-Dimmable, Primary-Side Regulated LED Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

STD Datasheet(HTML) 13 Page - Texas Instruments

Back Button STD Datasheet HTML 9Page - Texas Instruments STD Datasheet HTML 10Page - Texas Instruments STD Datasheet HTML 11Page - Texas Instruments STD Datasheet HTML 12Page - Texas Instruments STD Datasheet HTML 13Page - Texas Instruments STD Datasheet HTML 14Page - Texas Instruments STD Datasheet HTML 15Page - Texas Instruments STD Datasheet HTML 16Page - Texas Instruments STD Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
www.ti.com
Performance Data and Typical Characteristic Curves
Figure 13. Dimmer 8 ms
(Ch4- LED current Ch3 - rectified line voltage Ch1 – line current)
Figure 14. Dimmer 7 ms
(Ch4- LED current Ch3 - rectified line voltage Ch1 – line current)
13
SLUU937 – May 2012
LM3447-A19-120VEVM is a Phase-Dimmable, Primary-Side Regulated LED
Driver
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com