Electronic Components Datasheet Search
  English  ▼

X  

Std Datasheet(PDF) 1 Page - Texas Instruments

Part # Std
Description  TPS62125EVM-044 Evaluation Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

Std Datasheet(HTML) 1 Page - Texas Instruments

  Std Datasheet HTML 1Page - Texas Instruments Std Datasheet HTML 2Page - Texas Instruments Std Datasheet HTML 3Page - Texas Instruments Std Datasheet HTML 4Page - Texas Instruments Std Datasheet HTML 5Page - Texas Instruments Std Datasheet HTML 6Page - Texas Instruments Std Datasheet HTML 7Page - Texas Instruments Std Datasheet HTML 8Page - Texas Instruments Std Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
User's Guide
SLVU659A – March 2012 – Revised March 2012
TPS62125EVM-044 Evaluation Module
This user’s guide describes the characteristics, operation, and use of the Texas Instruments TPS62125
evaluation module (EVM). This EVM is designed to help the user easily evaluate and test the operation
and functionality of the TPS62125. The EVM converts a 4-V to 17-V input voltage to a regulated 3.3-V
output voltage that delivers 300 mA. This user’s guide includes setup instructions for the hardware,
printed-circuit board layouts for the EVM, a schematic diagram, a bill of materials, and test results for the
EVM.
Contents
1
Introduction
.................................................................................................................. 2
2
Setup
......................................................................................................................... 2
3
TPS62125EVM-044 Test Results
......................................................................................... 3
4
Board Layout
................................................................................................................ 9
5
Schematic and Bill of Materials
.......................................................................................... 11
List of Figures
1
Efficiency (R1, R2, and R3 not installed. JP1 connected between ON and EN.)
.................................. 3
2
Load Regulation
............................................................................................................. 4
3
Line Regulation With Iout = 250 mA
...................................................................................... 4
4
Loop Response With Vin = 12 V and Iout = 250 mA
................................................................... 4
5
Input Voltage Ripple With Vin = 12 V and Iout = 250 mA
............................................................. 5
6
Output Voltage Ripple With Vin = 12 V and Iout = 250 mA
........................................................... 5
7
Load Transient Response With Vin = 12 V
.............................................................................. 6
8
Start-Up on Vin With 250-mA Load
....................................................................................... 6
9
Start-Up on EN With 250-mA Load
....................................................................................... 7
10
Shutdown on EN With 250-mA Load
..................................................................................... 7
11
Prebias Start-Up and Shutdown on EN With 250-mA Load
........................................................... 8
12
Thermal Performance With Vin = 12 V and Iout = 250 mA
........................................................... 8
13
Top Silk Layer
............................................................................................................... 9
14
Top Layer
.................................................................................................................... 9
15
Bottom Layer
............................................................................................................... 10
16
Top Assembly Layer
...................................................................................................... 10
17
TPS62125EVM-044 Schematic
.......................................................................................... 11
List of Tables
1
Performance Specification Summary
..................................................................................... 2
2
TPS62125EVM-044 Bill of Materials
.................................................................................... 12
1
SLVU659A – March 2012 – Revised March 2012
TPS62125EVM-044 Evaluation Module
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - Std

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
Std TI1-Std Datasheet
372Kb / 13P
2-A to 6-A Integrated Power Solution
STD TI1-STD Datasheet
1Mb / 26P
a Phase-Dimmable, Primary-Side Regulated LED Driver
STD TI1-STD Datasheet
1Mb / 23P
Using the TPS51916EVM-746 Complete DDR2, DDR3
Std TI1-Std Datasheet
268Kb / 17P
TPS54519EVM-037, 5-A, SWIFT??Regulator Evaluation Module
STD TI1-STD Datasheet
3Mb / 49P
Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
More results

Similar Description - Std

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61090EVM-029 TI-TPS61090EVM-029 Datasheet
224Kb / 18P
EVALUATION MODULE
ADS126XEVM-PDK TI1-ADS126XEVM-PDK Datasheet
2Mb / 38P
Evaluation module
logo
Figaro Engineering Inc.
EM3870A FIGARO-EM3870A Datasheet
287Kb / 2P
Evaluation Module
EM5141A FIGARO-EM5141A Datasheet
320Kb / 2P
Evaluation Module
EM7160 FIGARO-EM7160 Datasheet
388Kb / 2P
Evaluation Module
EM8100 FIGARO-EM8100 Datasheet
419Kb / 2P
Evaluation Module
logo
Recom International Pow...
RPX-2.5-EVM-1 RECOM-RPX-2.5-EVM-1 Datasheet
1Mb / 5P
Evaluation Module
RPMB-2.0-EVM-1 RECOM-RPMB-2.0-EVM-1 Datasheet
440Kb / 7P
Evaluation Module
RPMB-3.0-EVM-1 RECOM-RPMB-3.0-EVM-1 Datasheet
440Kb / 7P
Evaluation Module
logo
Linx Technologies
EVM-900-RC-CAS LINX-EVM-900-RC-CAS Datasheet
1Mb / 7P
Evaluation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com