Electronic Components Datasheet Search
  English  ▼

X  

2N7002 Datasheet(PDF) 2 Page - Texas Instruments

Part # 2N7002
Description  TAS5622-TAS5624DDVEVM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

2N7002 Datasheet(HTML) 2 Page - Texas Instruments

  2N7002 Datasheet HTML 1Page - Texas Instruments 2N7002 Datasheet HTML 2Page - Texas Instruments 2N7002 Datasheet HTML 3Page - Texas Instruments 2N7002 Datasheet HTML 4Page - Texas Instruments 2N7002 Datasheet HTML 5Page - Texas Instruments 2N7002 Datasheet HTML 6Page - Texas Instruments 2N7002 Datasheet HTML 7Page - Texas Instruments 2N7002 Datasheet HTML 8Page - Texas Instruments 2N7002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
Introduction
www.ti.com
1
Introduction
The TAS5622-TAS5624DDVEVM PurePath™ EVM demonstrates the current version of TAS5622DDV or
TAS5624DDV integrated circuit power stage with TAS5538DGG from Texas Instruments (TI).
The TAS5622 and TAS5624 are high-performance, integrated Stereo Feedback Digital Amplifier Power
Stages designed to drive 3
Ω speakers at up to 200W per channel for TAS5624DDV and 165W per
channel for TAS5622DDV. They require only a passive demodulation filter to deliver efficient high quality
audio amplification.
TAS5538DGG is a high performance 32 bit (24 bit input) multi channel PurePath™ Digital Pulse Width
Modulator (PWM) with fully symmetrical AD modulation scheme. The device also has Digital Audio
Processing (DAP) that provides 48 bit signal processing, advanced performance and a high level of
system integration.
This EVM can be configured as 2 BTL channels for stereo evaluation or 1 PBTL (parallel BTL) channel for
subwoofer evaluation. Together with a TI Input-USB Board 3, it provides a complete stereo digital audio
amplifier system which includes digital input (S/PDIF), analog inputs, interface to PC and DAP features
like digital volume control, input and output mixers, automute, tone controls, loudness, EQ filters and
dynamic range compression (DRC). There are configuration options for power stage failure protection.
NOTE: TAS5622-TAS5624DDVEVM IS SHIPPED WITH THE CURRENT VERSION OF TAS5624
INSTALLED. TO EVALUATE THE CURRENT VERSION OF TAS5622 PLEASE VISIT THE
PRODUCT FOLDER AT www.ti.com AND REQUEST A FREE SAMPLE, AND REPLACE
TAS5624 WITH TAS5622.
Table 1. TAS5622-TAS5624DDVEVM Specification
Key Parameters
Values
TAS5624 Power Supply Voltage
12 - 38 Vdc
TAS5622 Power Supply Voltage
12 - 34 Vdc
Number of Channels
2 x BTL or 1 x PBTL
Load Impedance BTL
3-8 Ohm
Load Impedance PBTL
1.5-4 Ohm
TAS5624 Output power BTL
200W / 3Ohm / 10%THD+N
TAS5624 Output power PBTL
400W / 1.5Ohm / 10%THD+N
TAS5622 Output power BTL
165W / 3Ohm / 10%THD+N
TAS5622 Output power PBTL
325W / 1.5Ohm / 10%THD+N
Dynamic Range (DNR)
>105 dB
PWM Processor
TAS5538DGG
Output Stage
TAS5624DDV or TAS5622DDV
NOTE:
The heatsink in TAS5622-TAS5624DDVEVM is designed to comply with time requirements
of the “Amplifier Rule”, US Federal Trade Commission 16 CFR 432, when the EVM is
operated at power levels specified above. If continuous operation at specified output power
is required it is necessary to provide forced air flow through the heatsink.
(The FTC regulation specifies operation in 25°C ambient temperature for one hour at 1/8
specified output power (25.0W per channel for TAS5624DDVEVM, 20.63W per channel for
TAS5622DDVEVM) and then for 5 minutes at specified output power (200W per channel for
TAS5624DDVEVM, 165W per channel for TAS5622DDVEVM). Then distortion vs. output
power can be measured. TAS5622-TAS5624DDVEVM provides specified output power for
several minutes or more without thermal shutdown. THD is not specified for this test but is
typically near 10%.)
2
TAS5622-TAS5624DDVEVM
SLAU376 – May 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com