Electronic Components Datasheet Search
  English  ▼

X  

ES1D Datasheet(PDF) 7 Page - Texas Instruments

Part # ES1D
Description  a Phase-Dimmable, Primary-Side Regulated LED Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ES1D Datasheet(HTML) 7 Page - Texas Instruments

Back Button ES1D Datasheet HTML 3Page - Texas Instruments ES1D Datasheet HTML 4Page - Texas Instruments ES1D Datasheet HTML 5Page - Texas Instruments ES1D Datasheet HTML 6Page - Texas Instruments ES1D Datasheet HTML 7Page - Texas Instruments ES1D Datasheet HTML 8Page - Texas Instruments ES1D Datasheet HTML 9Page - Texas Instruments ES1D Datasheet HTML 10Page - Texas Instruments ES1D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
www.ti.com
Test Procedure
6
Test Procedure
6.1
Line/Load Regulation and Efficiency Measurement Procedure
1. Connect EVM per Figure 2 above. An external LED load must be used to start up the EVM.
2. Prior to turning on the AC source, set the voltage to 90 V
RMS.
3. Turn on the AC source.
4. Record the output voltage and current readings from Voltmeter 2 and output current reading from
Ammeter 2 and input voltage reading from Voltmeter 1 and current from Ammeter 1.
5. Increase output voltage by 5 V
RMS.
6. Repeat steps 4 and 5 until 135 V
AC is reached.
7. Refer to Section 6.2 for shutdown procedure.
6.2
Equipment Shutdown
1. Turn off equipment.
2. Make sure capacitors are discharged.
6.3
EVM Phase Angle Decode vs LED Current
1. Connect EVM per Figure 2 above. An external LED load must be used to start up the EVM.
2. Prior to turning on the AC source, set the voltage to 120 VRMS.
3. Connect scope probe to EVM per Figure 2 above to bridge rectifier output.
4. Turn on the AC source.
5. Record the output voltage and current readings from Voltmeter 2 and output current reading from
Ammeter 2 and input voltage reading from Voltmeter 1 and current from Ammeter 1.
6. Set dimmer to minimum setting and vary by 1.0 msec till 8 msec is reached and record in 5 above.
7. Refer to Section 6.2 for shutdown procedure.
NOTE:
Scope must be isolated.
7
SLUU937 – May 2012
LM3447-A19-120VEVM is a Phase-Dimmable, Primary-Side Regulated LED
Driver
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com