Electronic Components Datasheet Search
  English  ▼

X  

LMV321IDBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMV321IDBVR
Description  Works with MSP430 Launchpad
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV321IDBVR Datasheet(HTML) 3 Page - Texas Instruments

  LMV321IDBVR Datasheet HTML 1Page - Texas Instruments LMV321IDBVR Datasheet HTML 2Page - Texas Instruments LMV321IDBVR Datasheet HTML 3Page - Texas Instruments LMV321IDBVR Datasheet HTML 4Page - Texas Instruments LMV321IDBVR Datasheet HTML 5Page - Texas Instruments LMV321IDBVR Datasheet HTML 6Page - Texas Instruments LMV321IDBVR Datasheet HTML 7Page - Texas Instruments LMV321IDBVR Datasheet HTML 8Page - Texas Instruments LMV321IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.ti.com
Setup
1.6.2
Power Supply (*Optional)
To ensure correct functionality of the LEDs a 5V supply at 300mA is recommended (refer to note in
section 2.3.1). If not using a USB cable to power the LaunchPad a 3.3V power supply at 200mA is
required.
2
Setup
This section describes the jumpers and connectors on the EVM.
2.1
Connectors and Jumpers
2.1.1
J1
& J2 – LaunchPad Headers
These connectors mate with the male headers on the LaunchPad.
2.1.2
J3
– External LED Power
This connector is where the external +5V supply is attached to power the two RGB LEDs.
2.1.3
J4
– TCA7408 GPIO
This is a pin out of the four unused GPIO pins from the TCA7408, GPIO4-GPIO7.
2.1.4
J5
– Feedback loop
For the TPL0401A to function as a voltage reference circuit the negative feedback loop must be shorted,
placing a jumper across this header will short the inverting input to the output.
2.1.5
J6
– LED or Op-amp
This header controls what the TPL0401B is attached to. When shorted across position 1 and 2 the
TPL0401B is connected in series with the external resistor to control the current through the LED driver.
When shorted across position 2 and 3 the TPL0401B is connected to the inverting input of the op-amp to
change the gain of the circuit.
2.1.6
J7
– Op-amp input
This header controls the input to the non-inverting pin of the LMV321. When shorted across position 1 and
2, the TPL0401A in a voltage divider mode is attached to the non-inverting input of the LVM321. This
setup is used to test the voltage reference setup. When shorted across pins 2 and 3, the SMA connector
is attached to the non-inverting input.
2.1.7
J9
– Test Points
This connector offers test points for the serial data lines, SDA, SCL and the DIN that drives the TCA5405.
Table 1. Description of Connectors and Jumpers
Label
Description
J1, J2
Connectors to interface with LaunchPad
J3
External 5V for LED
J4
GPIO4-GPIO7 from TCA7408
J5
Control jumper to short feedback loop
J6
Jumper to control LED or Op-Amp
J7
Jumper to control input to Op-Amp
J8
SMA/B Footprint for external input
J9
Test points for DIN, SDA and SCL
3
SCPU034
– December 2011
TCA7408EVM,TCA5405EVM
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com