Electronic Components Datasheet Search
  English  ▼

X  

Std Datasheet(PDF) 7 Page - Texas Instruments

Part # Std
Description  TPS54519EVM-037, 5-A, SWIFT??Regulator Evaluation Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

Std Datasheet(HTML) 7 Page - Texas Instruments

Back Button Std Datasheet HTML 3Page - Texas Instruments Std Datasheet HTML 4Page - Texas Instruments Std Datasheet HTML 5Page - Texas Instruments Std Datasheet HTML 6Page - Texas Instruments Std Datasheet HTML 7Page - Texas Instruments Std Datasheet HTML 8Page - Texas Instruments Std Datasheet HTML 9Page - Texas Instruments Std Datasheet HTML 10Page - Texas Instruments Std Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
V
= 50 mV / div (ac coupled)
OUT
Time = 200 µsec / div
I
= 2 A / div
OUT
Load step = 1.25 A - 3.75 A, slew rate = 0.5 A / µsec
100
1000
10000
100000
1000000
−60
−50
−40
−30
−20
−10
0
10
20
30
40
50
60
−180
−150
−120
−90
−60
−30
0
30
60
90
120
150
180
Frequency (Hz)
Gain
Phase
G005
www.ti.com
Test Setup and Results
2.5
Load Transients
Figure 5 shows the TPS54519EVM-037 response to load transients. The current step is from 25% to 75%
of maximum rated load at 5 V input. Total peak-to-peak voltage variation is as shown, including ripple and
noise on the output.
Figure 5. TPS54519EVM-037 Transient Response
2.6
Loop Characteristics
Figure 6 shows the TPS54519EVM-037 loop-response characteristics. Gain and phase plots are shown
for V
IN voltage of 5 V. Load current for the measurement is 5 A.
Figure 6. TPS54519EVM-037 Loop Response
7
SLVU523
– September 2011
TPS54519EVM-037, 5-A, SWIFT
™ Regulator— Evaluation Module
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com