Electronic Components Datasheet Search
  English  ▼

X  

AS3PG Datasheet(PDF) 2 Page - Vishay Siliconix

Part # AS3PG
Description  High Current Density Standard Avalanche
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AS3PG Datasheet(HTML) 2 Page - Vishay Siliconix

  AS3PG Datasheet HTML 1Page - Vishay Siliconix AS3PG Datasheet HTML 2Page - Vishay Siliconix AS3PG Datasheet HTML 3Page - Vishay Siliconix AS3PG Datasheet HTML 4Page - Vishay Siliconix AS3PG Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
New Product
AS3PD thru AS3PM
www.vishay.com
Vishay General Semiconductor
Revision: 13-Jul-11
2
Document Number: 88837
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
Notes
(1) Free air, mounted on recommended PCB 1 oz. pad area; thermal resistance RJA - junction to ambient
(2) Units mounted on PCB with 10 mm x 10 mm copper pad areas, 1 oz. FR4 PCB; RJM - junction to mount
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
IF = 1.5 A
TA = 25 °C
VF (1)
0.92
-
V
IF = 3.0 A
1.00
1.10
IF = 1.5 A
TA = 125 °C
0.81
-
IF = 3.0 A
0.90
0.95
Reverse current
rated VR
TA = 25 °C
IR (2)
0.28
10
μA
TA = 125 °C
62
150
Typical reverse recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
1.2
-
μs
Typical junction capacitance per diode
4.0 V, 1 MHz
CJ
37
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
AS3PD
AS3PG
AS3PJ
AS3PK
AS3PM
UNIT
Typical thermal resistance
RJA (1)
80
°C/W
RJM (2)
5
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
AS3PJ-M3/86A
0.10
86A
1500
7" diameter plastic tape and reel
AS3PJ-M3/87A
0.10
87A
6500
13" diameter plastic tape and reel
AS3PJHM3/86A (1)
0.10
86A
1500
7" diameter plastic tape and reel
AS3PJHM3/87A (1)
0.10
87A
6500
13" diameter plastic tape and reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com