Electronic Components Datasheet Search
  English  ▼

X  

TLWR7600 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TLWR7600
Description  LEDs for Automotive and Outdoor Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLWR7600 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLWR7600 Datasheet HTML 1Page - Vishay Siliconix TLWR7600 Datasheet HTML 2Page - Vishay Siliconix TLWR7600 Datasheet HTML 3Page - Vishay Siliconix TLWR7600 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TELUX LEDS
High-performance Vishay TELUX™ LEDs
feature a full color range of devices with a
wide viewing angle and high luminous flux.
TELUX LEDs are especially designed for
rough applications that require a high
luminous intensity. These include automotive
applications such as brake lights, taillights,
and turn signals, as well as outdoor
applications such as traffic signals, message
panels, and warning lights.
TELUX LEDs are offered in red, yellow, true
green, blue, and white versions, and with
a choice of 30°, 45°, and 55° angles of half
intensity or oval emission characteristics
with 25° x 68° and 40° x 90° angles of half
intensity.
With their excellent luminous flux
performance and extended operating
temperature range for AlInGaP from –40 °C
to +110 °C, TELUX LEDs are the premier
solution for all exterior automotive and
outdoor LED applications.
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO
SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VMN-PL2112-1206
2/4
PRODUCT LITERATURE
OPTOELECTRONICS
ON
AND TEC
1 9 6 2 - 2 0 1 2
VI SH AY I N TE R TE C H N O L OGY, I NC .



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com