Electronic Components Datasheet Search
  English  ▼

X  

FR1M Datasheet(PDF) 1 Page - Shanghai Sunrise Electronics

Part # FR1M
Description  SURFACE MOUNT FAST SWITCHING RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics

FR1M Datasheet(HTML) 1 Page - Shanghai Sunrise Electronics

  FR1M Datasheet HTML 1Page - Shanghai Sunrise Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SHANGHAI SUNRISE ELECTRONICS CO., LTD.
VOLTAGE: 50 TO 1000V CURRENT: 1.0A
FEATURES
• Ideal for surface mount pick and
place application
• Low profile package
• Built-in strain relief
• High surge capability
• Open junction chip,silastic passivated
• Fast recovery for high efficiency
• High temperature soldering guaranteed:
260
oC/10sec/at terminal
MECHANICAL DATA
• Terminal: Plated leads solderable per
MIL-STD 202E, method 208C
• Case: Molded with UL-94 Class V-O
recognized flame retardant epoxy
• Polarity: Color band denotes cathode
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SYMBOL
FR
1A
FR
1B
FR
1D
FR
1G
FR
1J
FR
1K
FR
1M
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
(TL=110
oC)
Peak Forward Surge Current (8.3ms single
half sine-wave superimposed on rated load)
Maximum Instantaneous Forward Voltage
(at rated forward current)
Maximum DC Reverse Current
Ta=25
oC
µA
(at rated DC blocking voltage)
Ta=125
oC
µA
Maximum Reverse Recovery Time
(Note 1)
trr
250
nS
Typical Junction Capacitance
(Note 2)
CJ
pF
Typical Thermal Resistance
(Note 3)
Rθ(ja)
oC/W
Storage and Operation Junction Temperature TSTG,TJ
oC
Note:
1.Reverse recovery condition IF=0.5A, IR=1.0A,Irr=0.25A.
2.Measured at 1.0 MHz and applied voltage of 4.0Vdc
3.Thermal resistance from junction to terminal mounted on 5×5mm copper pad area
http://www.sse-diode.com
FR1A THRU FR1M
SURFACE MOUNT FAST
SWITCHING RECTIFIER
15
30
V
30
-50 to +150
IR
5.0
200
150
500
(Single-phase, half-wave, 60Hz, resistive or inductive load rating at 25
oC, unless otherwise stated,for capacitive load,
derate current by 20%)
RATINGS
IF(AV)
1.0
A
IFSM
A
VF
1.3
TECHNICAL
SPECIFICATION
F
D
H
G
B
A
C
I
Dimensions in inches and (millimeters)
MAX.
MIN.
MAX.
MIN.
.035(0.88)
.027(0.68)
.008(0.203)
.004(0.102) .030(0.76)
.060(1.52)
.208(5.28)
.194(4.93) .078(1.98)
.090(2.29)
D
.012(0.305)
.006(0.152)
EF
G
H
I
C
.075(1.90)
.052(1.32)
A
.110(2.79)
.100(2.54)
.157(3.99)
.177(4.50)
B
DSMA/DO-214AC


Similar Part No. - FR1M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FR1M DIODES-FR1M Datasheet
50Kb / 2P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
DS15003 Rev. C-3
logo
Micro Commercial Compon...
FR1M MCC-FR1M Datasheet
622Kb / 3P
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Diotec Semiconductor
FR1M DIOTEC-FR1M Datasheet
163Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
logo
Semikron International
FR1M SEMIKRON-FR1M Datasheet
110Kb / 2P
Fast silicon rectifier diodes
logo
Diotec Semiconductor
FR1M DIOTEC-FR1M Datasheet
102Kb / 2P
Fast Switching Surface Mount Si-Rectifiers
More results

Similar Description - FR1M

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
FR1A TRSYS-FR1A Datasheet
183Kb / 3P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Shanghai Sunrise Electr...
RS1A SSE-RS1A Datasheet
17Kb / 1P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
General Semiconductor
RS3A GE-RS3A Datasheet
75Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
GOOD-ARK Electronics
GR1A GOOD-ARK-GR1A Datasheet
168Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
SR36 GOOD-ARK-SR36 Datasheet
171Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
TAITRON Components Inco...
RS1A TAITRON-RS1A Datasheet
641Kb / 4P
Surface Mount Fast Switching Rectifier
logo
Vishay Siliconix
RS1A VISHAY-RS1A Datasheet
80Kb / 4P
Surface Mount Fast Switching Rectifier
19-Apr-11
RS3K-E3 VISHAY-RS3K-E3 Datasheet
84Kb / 4P
Surface Mount Fast Switching Rectifier
25-Apr-14
logo
First Silicon Co., Ltd
GR1A FS-GR1A Datasheet
498Kb / 2P
Surface Mount FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
RS3A VISHAY-RS3A_V01 Datasheet
96Kb / 4P
Surface-Mount Fast Switching Rectifier
25-Feb-2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com