Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC373AMDBREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC373AMDBREP
Description  OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC373AMDBREP Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC373AMDBREP Datasheet HTML 1Page - Texas Instruments SN74LVC373AMDBREP Datasheet HTML 2Page - Texas Instruments SN74LVC373AMDBREP Datasheet HTML 3Page - Texas Instruments SN74LVC373AMDBREP Datasheet HTML 4Page - Texas Instruments SN74LVC373AMDBREP Datasheet HTML 5Page - Texas Instruments SN74LVC373AMDBREP Datasheet HTML 6Page - Texas Instruments SN74LVC373AMDBREP Datasheet HTML 7Page - Texas Instruments SN74LVC373AMDBREP Datasheet HTML 8Page - Texas Instruments SN74LVC373AMDBREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.ti.com
Electrical Characteristics
Timing Requirements
Switching Characteristics
Operating Characteristics
SN74LVC373A-EP
OCTAL TRANSPARENT D-TYPE LATCH
WITH 3-STATE OUTPUTS
SCAS737C – NOVEMBER 2003 – REVISED MARCH 2007
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
IOH = –100 µA
2.7 V to 3.6 V
VCC – 0.2
2.7 V
2.2
VOH
IOH = –12 mA
V
3 V
2.4
IOH = –24 mA
3 V
2.2
IOL = 100 µA
2.7 V to 3.6 V
0.2
VOL
IOL = 12 mA
2.7 V
0.4
V
IOL = 24 mA
3 V
0.55
II
VI = 0 to 5.5 V
3.6 V
±5
µA
IOZ
VO = 0 to 5.5 V
3.6 V
±15
µA
VI = VCC or GND,
IO = 0
10
ICC
3.6 V
µA
3.6 V
≤ V
I ≤ 5.5 V
(2),
IO = 0
10
∆I
CC
One input at VCC – 0.6 V,
Other inputs at VCC or GND
2.7 V to 3.6 V
500
µA
Ci
VI = VCC or GND
3.3 V
4
12
pF
Co
VO = VCC or GND
3.3 V
5.5
12
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
This applies in the disabled state only.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 3.3 V
VCC = 2.7 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
tw
Pulse duration, LE high
3.3
3.3
ns
tsu
Setup time, data before LE
↓
2
2
ns
th
Hold time, data after LE
↓
2
2
ns
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 3.3 V
VCC = 2.7 V
FROM
TO
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
D
8.5
1
7.5
tpd
Q
ns
LE
9.5
1
8.5
ten
OE
Q
8.7
1
7.7
ns
tdis
OE
Q
8
0.5
7
ns
T
A = 25°C
VCC = 2.5 V
VCC = 3.3 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
Outputs enabled
(1)
46
Cpd
Power dissipation capacitance per latch
f = 10 MHz
pF
Outputs disabled
(1)
3
(1)
This information was not available at the time of publication.
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com