Electronic Components Datasheet Search
  English  ▼

X  

0150200367 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0150200367
Description  0.50mm Pitch Premo-Flex??FFC Jumper, Same Side Contacts (Type A), 34 Circuits
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

0150200367 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0150200367 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 08/14/2012
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
15020-0367
Status:
Active
Overview:
Premo-Flex™ FFC and Etched Polyimide Jumpers
Description:
0.50mm Pitch Premo-Flex™ FFC Jumper, Same Side Contacts (Type A), 34 Circuits,
0.127m Cable Length, 0.27mm Cable Thickness, Gold (Au) Plating
Documents:
Drawing (PDF)
Packaging Specification PK-15020-001 (PDF)
Product Specification PS-15020-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable
Series
15020
Comments
Contacts on the same side, Type A
Crimp Quality Equipment
Yes
Overview
Premo-Flex™ FFC and Etched Polyimide Jumpers
Product Name
Premo-Flex™FFC Jumper
UPC
884982178298
Physical
Cable Length
0.127m
Circuits (Loaded)
34
Circuits (maximum)
34
Net Weight
1.411/g
Packaging Type
Bag
Pitch - Termination Interface
0.50mm
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
N/A
Wire/Cable Type
Flat Flex Cable
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
60V AC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-15020-001
Product Specification
PS-15020-001
Sales Drawing
SD-15020-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
15020Series
This document was generated on 08/14/2012
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0150200367

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0150200360 MOLEX2-0150200360 Datasheet
42Kb / 1P
0.50mm Pitch Premo-Flex??FFC Jumper, Opposite Side Contacts (Type D),
0150200361 MOLEX2-0150200361 Datasheet
42Kb / 1P
0.50mm Pitch Premo-Flex??FFC Jumper, Same Side Contacts (Type A), 34 Circuits,
0150200362 MOLEX2-0150200362 Datasheet
42Kb / 1P
0.50mm Pitch Premo-Flex??FFC Jumper, Opposite Side Contacts (Type D),
0150200363 MOLEX2-0150200363 Datasheet
42Kb / 1P
0.50mm Pitch Premo-Flex??FFC Jumper, Same Side Contacts (Type A), 34 Circuits,
0150200364 MOLEX2-0150200364 Datasheet
42Kb / 1P
0.50mm Pitch Premo-Flex??FFC Jumper, Opposite Side Contacts (Type D)
More results

Similar Description - 0150200367

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0150200361 MOLEX2-0150200361 Datasheet
42Kb / 1P
0.50mm Pitch Premo-Flex??FFC Jumper, Same Side Contacts (Type A), 34 Circuits,
0150200363 MOLEX2-0150200363 Datasheet
42Kb / 1P
0.50mm Pitch Premo-Flex??FFC Jumper, Same Side Contacts (Type A), 34 Circuits,
0150200365 MOLEX2-0150200365 Datasheet
42Kb / 1P
0.50mm Pitch Premo-Flex??FFC Jumper, Same Side Contacts (Type A), 34 Circuits
0150200369 MOLEX2-0150200369 Datasheet
42Kb / 1P
0.50mm Pitch Premo-Flex??FFC Jumper, Same Side Contacts (Type A), 34 Circuits
0150200371 MOLEX2-0150200371 Datasheet
42Kb / 1P
0.50mm Pitch Premo-Flex??FFC Jumper, Same Side Contacts (Type A), 34 Circuits
0150200375 MOLEX2-0150200375 Datasheet
42Kb / 1P
0.50mm Pitch Premo-Flex??FFC Jumper, Same Side Contacts (Type A), 34 Circuits
15020-0359 MOLEX11-15020-0359 Datasheet
73Kb / 1P
0.50mm Pitch Premo-Flex FFC Jumper, Same Side Contacts (Type A), 34 Circuits,
15020-0367 MOLEX11-15020-0367 Datasheet
73Kb / 1P
0.50mm Pitch Premo-Flex FFC Jumper, Same Side Contacts (Type A), 34 Circuits,
15020-0371 MOLEX11-15020-0371 Datasheet
96Kb / 1P
0.50mm Pitch Premo-Flex FFC Jumper, Same Side Contacts (Type A), 34 Circuits
15020-0373 MOLEX11-15020-0373 Datasheet
73Kb / 1P
0.50mm Pitch Premo-Flex FFC Jumper, Same Side Contacts (Type A), 34 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com