Electronic Components Datasheet Search
  English  ▼

X  

RC10S01 Datasheet(PDF) 1 Page - Shanghai Sunrise Electronics

Part # RC10S01
Description  SILICON SILASTIC CELL RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics

RC10S01 Datasheet(HTML) 1 Page - Shanghai Sunrise Electronics

  RC10S01 Datasheet HTML 1Page - Shanghai Sunrise Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SHANGHAI SUNRISE ELECTRONICS CO., LTD.
VOLTAGE: 100 TO 1000V CURRENT: 10A
FEATURES
• Low cost
• High surge capability
• Solderable electrode surfaces
• Ideal for hybrids
MECHANICAL DATA
• Polarity: Bottom or upper electrode denotes
cathode according to the notice in
package
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
SYMBOL
RC10S
01
RC10S
02
RC10S
04
RC10S
06
RC10S
08
RC10S
10
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
(Ta=55
oC)
(Note 2)
Peak Forward Surge Current (8.3ms single
half sine-wave superimposed on rated load)
Maximum Instantaneous Forward Voltage
(at rated forward current)
Maximum DC Reverse Current
Ta=25
oC
µA
(at rated DC blocking voltage)
Ta=150
oC
µA
Typical Junction Capacitance
(Note 1)
CJ
pF
Typical Thermal Resistance
(Note 3) Rθ(ja)
oC/W
Storage and Operation Junction Temperature
TSTG,TJ
oC
Note:
1. Measured at 1 MHz and applied voltage of 4.0Vdc
2. When mounted to heat sink from body.
3. Thermal resistance from junction to ambient.
http://www.sse-diode.com
A
V
1.0
IFSM
A
400
300
1
-50 to +150
IR
10
500
RATINGS
10
VF
IF(AV)
RC10S01 THRU RC10S10
SILICON SILASTIC
CELL RECTIFIER
(Single-phase, half-wave, resistive or inductive load rating at 25
oC, unless otherwise stated, for capacitive load, derate
current by 20%)
TECHNICAL
SPECIFICATION
Dimensions in inches and (millimeters)


Similar Part No. - RC10S01

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RC10S01G SSE-RC10S01G Datasheet
14Kb / 1P
SILICON GPP CELL RECTIFIER
More results

Similar Description - RC10S01

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RC10S01G SSE-RC10S01G Datasheet
14Kb / 1P
SILICON GPP CELL RECTIFIER
RC15S01 SSE-RC15S01 Datasheet
15Kb / 2P
SILICON SILASTIC CELL RECTIFIER
RC15S01G SSE-RC15S01G Datasheet
14Kb / 1P
SILICON GPP CELL RECTIFIER
RC30S01 SSE-RC30S01 Datasheet
14Kb / 1P
SILICON SILASTIC CELL RECTIFIER
RC30S01G SSE-RC30S01G Datasheet
17Kb / 1P
SILICON GPP CELL RECTIFIER
logo
MIC GROUP RECTIFIERS
1N5400 MIC-1N5400 Datasheet
49Kb / 2P
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Shenzhen Ping Sheng Ele...
BY127 PFS-BY127_1 Datasheet
158Kb / 2P
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Frontier Electronics.
SC10-005 FRONTIER-SC10-005 Datasheet
113Kb / 1P
1A SILICON RECTIFIER CELL
SC30-005 FRONTIER-SC30-005 Datasheet
113Kb / 1P
3A SILICON RECTIFIER CELL
SC60-005 FRONTIER-SC60-005 Datasheet
113Kb / 1P
6A SILICON RECTIFIER CELL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com