Electronic Components Datasheet Search
  English  ▼

X  

IPS20 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IPS20
Description  Precision Feedback Controllers Fixed and PTAT references
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IPS20 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IPS20 Datasheet HTML 1Page - List of Unclassifed Manufacturers IPS20 Datasheet HTML 2Page - List of Unclassifed Manufacturers IPS20 Datasheet HTML 3Page - List of Unclassifed Manufacturers IPS20 Datasheet HTML 4Page - List of Unclassifed Manufacturers IPS20 Datasheet HTML 5Page - List of Unclassifed Manufacturers IPS20 Datasheet HTML 6Page - List of Unclassifed Manufacturers IPS20 Datasheet HTML 7Page - List of Unclassifed Manufacturers IPS20 Datasheet HTML 8Page - List of Unclassifed Manufacturers IPS20 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Power Management IPS20 and IPS21
© Copyright 2006-2009 - ASIC Advantage, Inc.
AADS00001/AA743
- Revision 5– Dec 2008
2 / 12
FUNCTIONAL BLOCK DIAGRAM
PIN DESCRIPTION
PIN
Description
1- VCC
IC positive supply pin.
The chip behaves like a 4 volt zener diode referenced to GND
2- VS
Voltage sensing pin.
This is the inverting input of the voltage error amplifier. The positive input of the amplifier is connected
to an internal trimmed 1.20V voltage reference. An external voltage divider connected to this point sets
the output voltage. This pin is also used for voltage loop compensation when required.
3- VCOMP
Voltage loop compensation pin.
This is the output of the voltage error amplifier. The voltage loop compensation network, when required,
is connected between this point and VS pin. Please note that this pin is not a zero-impedance node (1K
Ω
nominal).
4- OPTO
Optocoupler driver pin.
This pin drives and external optocoupler connected to GND. A current-mode drive is used for maximum
noise rejection.
5- ICOMP
Current loop compensation pin. (similar to VCOMP)
This is the output of the current error amplifier. The current loop compensation network, when required,
is connected between this point and the IS pin. Please note that this is not a zero-impedance point (1K
Ω
nominal).
6- IS
Current sensing pin.
This pin is the inverting input of the current sense amplifier. The positive input of the amplifier is
connected to an internal trimmed reference. The sensing threshold is 50mV PTAT (IPS20) or 100mV
constant (IPS21). This pin should be connected through a resistor to the external current sensing resistor.
7- OUT (-)
Negative output pin.
This pin is the negative side of the 1.20V trimmed voltage reference. It should be connected to the
negative output of the SMPS.
8- GND
Ground pin.
This is the most negative IC pin. The first output decoupling capacitor should return to it. Do not confuse
this pin with the IS pin and the OUT(-) pin which are described above.
IS
VS
OPTO
VCOMP
Trimmed 1.25V
Temp. Stable
Bandgap Regulator
VCC
VOLTAGE
ERROR
AMPLIFIER
CURRENT
ERROR
AMPLIFIER
GND
ICOMP
OUT (-)
IPS20 / IPS21
1
2
3
4
5
6
7
8
OPTOCOUPLER
CURRENT-SOURCE
CONTROL
4V Shunt Regulator
Trimmed
Current Sensing
50mV PTAT
100mV Temp.Stable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com