Electronic Components Datasheet Search
  English  ▼

X  

TLV4113MDGQREP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV4113MDGQREP
Description  HIGH-OUTPUT-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV4113MDGQREP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV4113MDGQREP Datasheet HTML 4Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 5Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 6Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 7Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 8Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 9Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 10Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 11Page - Texas Instruments TLV4113MDGQREP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
TYPICAL CHARACTERISTICS
40
50
60
70
80
90
100
110
120
f − Frequency − Hz
100
1k
10k
10M
100k
1M
G003
VDD = 3 V
TA = 25°C
VICR − Common-Mode Input Voltage − V
−6000
−4000
−2000
0
2000
4000
6000
−0.2 0.4
1.0
1.6
2.2
2.8
3.4
4.0
4.6
5.2
G002
VDD = 5 V
TA = 25°C
VICR − Common-Mode Input Voltage − V
−6000
−4000
−2000
0
2000
4000
6000
−0.4 0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
G001
VDD = 3 V
TA = 25°C
TLV4110-EP, TLV4111-EP
TLV4112-EP, TLV4113-EP
SGLS314D – JUNE 2006 – REVISED MAY 2008............................................................................................................................................................... www.ti.com
Table of Graphs
FIGURE
VIO
Input offset voltage
vs Common-mode input voltage
2, 3
CMRR
Common-mode rejection ratio
vs Frequency
4
VOH
High-level output voltage
vs High-level output current
5, 7
VOL
Low-level output voltage
vs Low-level output current
6, 8
Zo
Output impedance
vs Frequency
9
IDD
Supply current
vs Supply voltage
10
kSVR
Power supply voltage rejection ratio
vs Frequency
11
AVD
Differential voltage amplification and phase
vs Frequency
12
Gain-bandwidth product
vs Supply voltage
13
vs Supply voltage
14
SR
Slew rate
vs Temperature
15
Total harmonic distortion+noise
vs Frequency
16
Vn
Equivalent input voltage noise
vs Frequency
17
Phase margin
vs Capacitive load
18
Voltage-follower signal pulse response
19, 20
Inverting large-signal pulse response
21
Small-signal inverting pulse response
22
Crosstalk
vs Frequency
23
Shutdown forward and reverse isolation
24
Shutdown supply current
vs Free-air temperature
25
Shutdown supply current/output voltage
26
INPUT OFFSET VOLTAGE
INPUT OFFSET VOLTAGE
COMMON-MODE REJECTION RATIO
vs
vs
vs
COMMON-MODE INPUT VOLTAGE
COMMON-MODE INPUT VOLTAGE
FREQUENCY
Figure 2.
Figure 3.
Figure 4.
8
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TLV4110-EP, TLV4111-EP TLV4112-EP, TLV4113-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com